Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522IR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6522IR
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522IR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6522IR Datasheet HTML 5Page - Intersil Corporation ISL6522IR Datasheet HTML 6Page - Intersil Corporation ISL6522IR Datasheet HTML 7Page - Intersil Corporation ISL6522IR Datasheet HTML 8Page - Intersil Corporation ISL6522IR Datasheet HTML 9Page - Intersil Corporation ISL6522IR Datasheet HTML 10Page - Intersil Corporation ISL6522IR Datasheet HTML 11Page - Intersil Corporation ISL6522IR Datasheet HTML 12Page - Intersil Corporation ISL6522IR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN9030.8
March 10, 2006
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6522) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees
. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 8. Use these guidelines for
locating the poles and zeros of the compensation network:
Compensation Break Frequency Equations
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole
(~75% FLC)
3. Place 2ND Zero at Filter’s Double Pole
4. Place 1ST Pole at the ESR Zero
5. Place 2ND Pole at Half the Switching Frequency
6. Check Gain against Error Amplifier’s Open-Loop Gain
7. Estimate Phase Margin - Repeat if Necessary
Figure 8 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual modulator gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 8. Using the above guidelines should give a
compensation gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 with the capabilities of the error
amplifier. The closed loop gain is constructed on the log-log
graph of Figure 8 by adding the modulator gain (in dB) to the
compensation gain (in dB). This is equivalent to multiplying
the modulator transfer function to the compensation transfer
function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
FIGURE 7. VOLTAGE - MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
∆VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
-
REF
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
ISL6522
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
ZFB
+
FLC
1
2
π
LO CO
---------------------------------------
=
FESR
1
2
π
ESR CO
()
---------------------------------------------
=
FZ1
1
2
π R
• 2C1
----------------------------------
=
FZ2
1
2
π
R1 R3
+
() C3
------------------------------------------------------
=
FP1
1
2
π R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2 =
1
2
π R3 C3
----------------------------------
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/∆VOSC)
MODULATOR
GAIN
20LOG
(R2/R1)
CLOSED LOOP
GAIN
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
ISL6522


Similar Part No. - ISL6522IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522IR INTERSIL-ISL6522IR Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IR RENESAS-ISL6522IR Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522IR-T INTERSIL-ISL6522IR-T Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522IRZ INTERSIL-ISL6522IRZ Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IRZ RENESAS-ISL6522IRZ Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com