Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551AR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6551AR
Description  ZVS Full Bridge PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6551AR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6551AR Datasheet HTML 6Page - Intersil Corporation ISL6551AR Datasheet HTML 7Page - Intersil Corporation ISL6551AR Datasheet HTML 8Page - Intersil Corporation ISL6551AR Datasheet HTML 9Page - Intersil Corporation ISL6551AR Datasheet HTML 10Page - Intersil Corporation ISL6551AR Datasheet HTML 11Page - Intersil Corporation ISL6551AR Datasheet HTML 12Page - Intersil Corporation ISL6551AR Datasheet HTML 13Page - Intersil Corporation ISL6551AR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
FN9066.5
January 3, 2006
Block/Pin Functional Descriptions
Detailed descriptions of each individual block in the functional
block diagram on page 3 are included in this section.
Application information and design considerations for each pin
and/or each block are also included.
• IC Bias Power (VDD, VDDP1, VDDP2)
- The IC is powered from a 12V
± 10% supply.
- VDD supplies power to both the digital and analog circuits
and should be bypassed directly to the VSS pin with an
0.1
µF low ESR ceramic capacitor.
- VDDP1 and VDDP2 are the bias supplies for the upper
drivers and the lower drivers, respectively. They should be
decoupled with ceramic capacitors to the PGND pin.
- Heavy copper should be attached to these pins for a better
heat spreading.
• IC GNDs (VSS, PGND)
- VSS is the reference ground, the return of VDD, of all
control circuits and must be kept away from nodes with
switching noises. It should be connected to the PGND in
only one location as close to the IC as practical. For a
secondary side control system, it should be connected to
the net after the output capacitors, i.e., the output return
pinout(s). For a primary side control system, it should be
connected to the net before the input capacitors, i.e., the
input return pinout(s).
- PGND is the power return, the high-current return path of
both VDDP1 and VDDP2. It should be connected to the
SOURCE pins of two lower power switches or the
RETURNs of external drivers as close as possible with
heavy copper traces.
- Copper planes should be attached to both pins.
• Undervoltage Lockout (UVLO)
- UVLO establishes an orderly start-up and verifies that VDD
is above the turn-on threshold voltage (VDDON). All the
drivers are held low during the lockout. UVLO incorporates
hysteresis VDDHYS to prevent multiple startup/shutdowns
while powering up.
- UVLO limits are not applicable to VDDP1 and VDDP2.
• Bandgap Reference (BGREF)
- The reference voltage VREF is generated by a precision
bandgap circuit.
- This pin must be pulled up to VDD with a resistance of
approximately 399k
Ω for proper operation. For additional
reference loads (no more than 1mA), this pull-up resistor
should be scaled accordingly.
- This pin must also be decoupled with an 0.1
µF low ESR
ceramic capacitor.
• Clock Generator (CT, RD)
- This free-running oscillator is set by two external
components as shown in Figure 1. A capacitor at CT is
charged and discharged with two equal constant current
sources and fed into a window comparator to set the clock
frequency. A resistor at RD sets the clock dead time. RD
and CT should be tied to the VSS pin on their other ends
as close as possible. The corresponding CT for a particular
frequency can be selected from Figure 2.
- The switching frequency (Fsw) of the power train is half of
the clock frequency (Fclock), as shown in Equation 1.
Fsw
Fclock
2
-------------------
=
(EQ. 1)
SET CLOCK
DEAD TIME (DT)
RD
RD
CT
CT
VMAX
VMIN
VDD-
-
+
-
+
OUT
OUT
S
R
Q
Q
Q
CLK
CLK
Q
DT
DT
FIGURE 1. SIMPLIFIED CLOCK GENERATOR CIRCUIT
I_CT
I_CT
ISL6551


Similar Part No. - ISL6551AR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551ARZ INTERSIL-ISL6551ARZ Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551ARZ-T INTERSIL-ISL6551ARZ-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
More results

Similar Description - ISL6551AR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com