Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6146 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6146
Description  Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6146 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6146_07 Datasheet HTML 1Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 2Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 3Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 4Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 5Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 6Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 7Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 8Page - Fairchild Semiconductor FMS6146_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6146 Rev. 1.0.8
4
DC Electrical Characteristics
TA = 25°C, VCC = 5V, RSOURCE = 37.5Ω; all inputs are AC coupled with 0.1μF; all outputs are AC coupled with 220μF into
150Ω loads; unless otherwise noted.
Symbol
Parameter
Conditions
Min. Typ. Max. Units
ICC
Supply Current(1)
FMS6146 (No Load)
35
55
mA
VIN
Video Input Voltage Range
Referenced to GND if DC coupled
1.4
Vpp
PSRR
Power Supply Rejection
DC (All Channels)
-50
dB
Notes:
100% tested at 25°C.
AC Electrical Characteristics
TA = 25°C, VIN = 1Vpp, VCC = 5V, RSOURCE = 37.5Ω; all inputs are AC coupled with 0.1μF; all outputs are AC coupled with
220μF into 150Ω loads; unless otherwise noted.
Symbol
Parameter
Conditions
Min. Typ. Max. Units
AV
Channel Gain(1)
All Channels
5.6
6.0
6.6
dB
f1dB
-1dB Bandwidth(1)
All Channels
4.5
6.8
MHz
fc
-3dB Bandwidth
All Channels
7.8
MHz
fSB
Attenuation (Stopband Reject)
All Channels at f = 27MHz
48
dB
dG
Differential Gain
All Channels
0.3
%
d
φ
Differential Phase
All Channels
0.6
°
THD
Output Distortion (All Channels) VOUT = 1.8Vpp, 1MHz
0.4
%
XTALK
Crosstalk (Channel-to-Channel) at 1MHz
-60
dB
SNR
Signal-to-Noise Ratio
All Channels
NTC-7 Weighting: 100kHz to 4.2MHz
75
dB
tpd
Propagation Delay
Delay from Input-to-Output, 4.5MHz
59
ns
Notes:
100% tested at 25°C.
1.
1.


Similar Part No. - FMS6146_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6146 FAIRCHILD-FMS6146_08 Datasheet
715Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
More results

Similar Description - FMS6146_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6146 ONSEMI-FMS6146 Datasheet
890Kb / 13P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
October 2009 Rev. 1.1.0
logo
Fairchild Semiconductor
FMS6146 FAIRCHILD-FMS6146_08 Datasheet
715Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_07 Datasheet
495Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6145 ONSEMI-FMS6145 Datasheet
885Kb / 13P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
August 2009 Rev. 2.0.6
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145_06 Datasheet
549Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145_08 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
logo
Unisonic Technologies
VF8146 UTC-VF8146_15 Datasheet
182Kb / 5P
   LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com