Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6145MTC14 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS6145MTC14
Description  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6145MTC14 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6145MTC14 Datasheet HTML 1Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 2Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 3Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 4Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 5Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 6Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 7Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 8Page - Fairchild Semiconductor FMS6145MTC14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 Rev. 2.0.4
5
Typical Performance Characteristics
TA = 25°C, VCC = 5V, RSOURCE = 37.5Ω; all inputs AC coupled with 0.1μF; all outputs are AC coupled with 220μF into 150Ω
loads; unless otherwise noted.
1 = 8.2MHz (14.78ns)
1
-50
50
-40
-30
-20
-10
0
40
400kHz
5
10
15
25
20
30
Frequency (MHz)
30
10
20
3
2
400kHz
5
10
15
25
20
30
Frequency (MHz)
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
1
Mkr Frequency
Gain
Ref 400kHz
6dB
1
6.68MHz
-1dB BW
2
7.87MHz
-3dB BW
3
27MHz
-48.66dB
-0.5
-0.4
-0.3
-0.2
0.2
1st
2nd
3rd
5th
4th
6th
0.1
-0.1
0
-60
400kHz
1
2
3
5
46
Frequency (MHz)
-70
-80
-90
-100
-110
-120
-130
NTSC
Min = -0.31
Max = 0.03
ppMax = 0.34
-0.4
-0.2
0
0.2
1.0
1st
2nd
3rd
5th
4th
6th
0.8
0.4
0.6
NTSC
Min = 0.00
Max = 0.63
ppMax = 0.63
Figure 5. Differential Phase
Figure 3. Noise vs. Frequency
Figure 4. Differential Gain
Figure 1. Frequency Response
Figure 2. Group Delay vs. Frequency


Similar Part No. - FMS6145MTC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6145MTC14 FAIRCHILD-FMS6145MTC14 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6145MTC14X FAIRCHILD-FMS6145MTC14X Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6145MTC14X ONSEMI-FMS6145MTC14X Datasheet
885Kb / 13P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
August 2009 Rev. 2.0.6
logo
Fairchild Semiconductor
FMS6145MTC14X_NL FAIRCHILD-FMS6145MTC14X_NL Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6145MTC14_NL FAIRCHILD-FMS6145MTC14_NL Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
More results

Similar Description - FMS6145MTC14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6145 ONSEMI-FMS6145 Datasheet
885Kb / 13P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
August 2009 Rev. 2.0.6
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145_08 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6146 ONSEMI-FMS6146 Datasheet
890Kb / 13P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
October 2009 Rev. 1.1.0
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_07 Datasheet
495Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146_07 Datasheet
584Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146_08 Datasheet
715Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com