Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6203MTC1400 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6203MTC1400
Description  Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6203MTC1400 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FMS6203MTC1400 Datasheet HTML 1Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 2Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 3Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 4Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 5Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 6Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 7Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 8Page - Fairchild Semiconductor FMS6203MTC1400 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6203 Rev. 1.0.2
7
Layout Considerations
General layout and supply bypassing play a major role in
high-frequency performance and thermal characteristics.
Fairchild offers a demonstration board to guide layout
and aid device evaluation. The demo board is a four-
layer board with full power and ground planes. Following
this layout configuration provides optimum performance
and thermal characteristics for the device. For the best
results, follow the steps and recommended routing rules
listed below.
Recommended Routing/Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Traces should run on top of the ground plane at all-
times.
No trace should run over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length differ-
ences.
Include 10µF and 0.1µF ceramic power supply bypass
capacitors.
Place the 0.1µF capacitor within 0.1 inches of the
device power pin.
Place the 10µF capacitor within 0.75 inches of the
device power pin.
For multilayer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that extends
beyond the device body by at least 0.5 inches on all
sides. Include a metal paddle under the device on the
top layer.
Minimize all trace lengths to reduce series inductance.
Thermal Considerations
Since the interior of most systems, such as set-top-
boxes, TVs, and DVD players are at +70ºC; consider-
ation must be given to providing an adequate heat sink
for the device package for maximum heat dissipation.
When designing a system board, determine how much
power each device dissipates. Ensure that devices of
high power are not placed in the same location, such as
directly above (top plane) and below bottom plane) each
other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and envi-
ronmental conditions.
Maximize thermal performance of the PCB.
Consider using 70µm of copper for high-power
designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in power pad to tie adjacent layers together.
Remember that baseline temperature is a function of
board area, not copper thickness.
Modeling techniques can provide a first-order approxi-


Similar Part No. - FMS6203MTC1400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203MTC1400 FAIRCHILD-FMS6203MTC1400 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203MTC1400 FAIRCHILD-FMS6203MTC1400 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6203MTC1400X FAIRCHILD-FMS6203MTC1400X Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203MTC1400X FAIRCHILD-FMS6203MTC1400X Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203MTC1400X ONSEMI-FMS6203MTC1400X Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
More results

Similar Description - FMS6203MTC1400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
   Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com