Part Name
         Description
ISL6219A_07

 Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications ( 17 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FN9093.1
March 20, 2007
NOTES:
2. These parts are designed and adjusted for accuracy within the system tolerance given in the Electrical Specifications. The system tolerance
accounts for offsets in the differential and error amplifiers; reference-voltage inaccuracies; temperature drift; and the full DAC adjustment range.
3. VID input levels above 2.9V may produce an reference-voltage offset inaccuracy. Use a current limit resistor when pull up to 5V.
PROTECTION and MONITOR
Overvoltage Threshold
VSEN Rising
112
115
12
%VDAC
VSEN Falling
-
VID
-
%VDAC
Undervoltage Threshold
VSEN Rising
85
92
95
%VDAC
VSEN Falling
80
83
90
%VDAC
Electrical Specifications
Operating Conditions: VCC = 5V, TA = -10°C to +85°C, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RISEN1
ERROR
AMPLIFIER
FB
ISEN1
VOUT
PWM1
+
-
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE ISL6219A
IOUT
μP
LOAD
CO
VSEN
DAC
&
REFERENCE
COMP
VIN
RISEN2
ISEN2
PWM2
RISEN3
ISEN3
PWM3
VIN
VIN
L1
L2
L3
+
PWM
CIRCUIT
CURRENT
SENSE
AVERAGE
+
+
-
-
-
+
-
-
+
+
-
CURRENT
SENSE
CURRENT
SENSE
PWM
CIRCUIT
PWM
CIRCUIT
RFB
RC
CC
ISL6219A
ISL6219A
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP6301_04Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 1 2 3 4 5 MoreIntersil Corporation
HIP6302_04Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 1 2 3 4 5 MoreIntersil Corporation
HIP6311_04Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ISL6552_04Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ISL6553_04Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ISL6322_07Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
ISL6313Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
FAN5240_06Multi-Phase PWM Controller for AMD Mobile Athlon and Duron 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl