Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6346MTC20X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FMS6346MTC20X
Description  Six Channel, 6th Order SD/HD Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6346MTC20X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FMS6346MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 9Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 10Page - Fairchild Semiconductor FMS6346MTC20X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FMS6346 Rev. 1B
9
www.fairchildsemi.com
E/2
2X
ddd C B A
6
6
1.0
1.0
12 3
9
e /2
E1 E
e
N
8
– B – 7
2X
N/2 TIPS
1.0 DIA
– A –
7
– C –
aaa C
ccc
8
3
D
CB A
bbb M
b NX
A1
A2
A
c1
c
(b)
b1
5
SECTION AA
10
A
A
– H –
GAGE
PLANE
0.25
(0.20)
(02)
R1
R
01
(L1)
L
(03)
NOTES:
1 All dimensions are in millimeters (angle in degrees).
2
Dimensioning and tolerancing per ASME Y14.5–1994.
3
Dimensions "D" does not include mold flash, protusions or gate burrs. Mold flash protusions or gate burrs shall not exceed 0.15 per side .
4
Dimension "E1" does not include interlead flash or protusion. Interlead flash or protusion shall not exceed 0.25 per side.
5
Dimension "b" does not include dambar protusion. Allowable dambar protusion shall be 0.08mm total in excess of the "b" dimension at maximum
material condition. Dambar connot be located on the lower radius of the foot. Minimum space between protusion and adjacent lead is 0.07mm
for 0.5mm pitch packages.
6
Terminal numbers are shown for reference only.
7
Datums – A – and – B – to be determined at datum plane – H – .
8
Dimensions "D" and "E1" to be determined at datum plane – H – .
9
This dimensions applies only to variations with an even number of leads per side. For variation with an odd number of leads per side, the "center"
lead must be coincident with the package centerline, Datum A.
10
Cross sections A – A to be determined at 0.10 to 0.25mm from the leadtip.
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
L
0.50
0.60
0.75
R
0.09
R1
0.09
b
0.19
0.30
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.16
01
L1
1.0 REF
aaa
0.10
bbb
0.10
ccc
0.05
ddd
0.20
e
0.65 BSC
02
12° REF
03
12° REF
TSSOP-20
SYMBOL
MIN
NOM
MAX
D
2.90
3.0
3.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
8
8 Lead
SYMBOL
MIN
NOM
MAX
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
14
14 Lead
SYMBOL
MIN
NOM
MAX
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
16
16 Lead
SYMBOL
MIN
NOM
MAX
D
6.50
6.50
6.60
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
20
20 Lead
SYMBOL
MIN
NOM
MAX
D
7.70
7.80
7.90
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
24
24 Lead
SYMBOL
MIN
NOM
MAX
D
9.50
9.70
9.80
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
28
28 Lead
D
6.50
6.50
6.60
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
20
Mechanical Dimensions
20-Lead Thin Shrink Outline Package (TSSOP)


Similar Part No. - FMS6346MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6346MTC20X FAIRCHILD-FMS6346MTC20X Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346MTC20X FAIRCHILD-FMS6346MTC20X Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346MTC20X ONSEMI-FMS6346MTC20X Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
More results

Similar Description - FMS6346MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246 FAIRCHILD-FMS6246_06 Datasheet
257Kb / 11P
   Six Channel, 6th Order SD/PS Video Filter Driver
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com