Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6363 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMS6363
Description  Low Cost Three Channel 6th Order High Definition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FMS6363 Datasheet HTML 2Page - Fairchild Semiconductor FMS6363 Datasheet HTML 3Page - Fairchild Semiconductor FMS6363 Datasheet HTML 4Page - Fairchild Semiconductor FMS6363 Datasheet HTML 5Page - Fairchild Semiconductor FMS6363 Datasheet HTML 6Page - Fairchild Semiconductor FMS6363 Datasheet HTML 7Page - Fairchild Semiconductor FMS6363 Datasheet HTML 8Page - Fairchild Semiconductor FMS6363 Datasheet HTML 9Page - Fairchild Semiconductor FMS6363 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
FMS6363 Rev. 1B
The same method can be used for biased signals with the addition
of a pull-up resistor to make sure the clamp never operates. The
internal pull-down resistance is 800kΩ ±20% so the external
resistance should be 7.5MΩ to set the DC level to 500mV. If a
pull-up resistance less than 7.5MΩ is desired, an external pull-
down can be added such that the DC input level is set to 500mV.
Figure 11. Biased SCART with
DC-coupled outputs
The same circuits can be used with AC-coupled outputs if desired.
Figure 12. DC-coupled inputs,
AC-coupled Outputs
Figure 13. AC-coupled inputs and outputs
Figure 14. Biased SCART with
AC-coupled outputs
NOTE: The video tilt or line time distortion will be dominated by the AC-coupling
capacitor. The value may need to be increased beyond 220uF in order to obtain satis-
factory operation in some applications.
Power Dissipation
The FMS6363 output drive configuration must be considered
when calculating overall power dissipation. Care must be taken
not to exceed the maximum die junction temperature. The fol-
lowing example can be used to calculate the FMS6363’s power
dissipation and internal temperature rise.
Tj = TA + Pd • ΘJA
where Pd = PCH1 + PCH2 + PCH3
and PCHx = Vs • ICH - (VO
2/R
L)
where
VO = 2Vin + 0.280V
ICH = (ICC / 3) + (VO/RL)
Vin = RMS value of input signal
ICC = 24mA
Vs = 5V
RL = channel load resistance
Board layout can also affect thermal characteristics. Refer to the
Layout Considerations Section for more information.
The FMS6363 is specified to operate with output currents typi-
cally less than 50mA, more than sufficient for a single (150Ω)
video load. Internal amplifiers are current limited to a maximum
of 100mA and should withstand brief duration short circuit con-
ditions, however this capability is not guaranteed.
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance and thermal characteristics. Fairchild
offers a demonstration board, FMS6363DEMO, to use as a
guide for layout and to aid in device testing and characterization.
The FMS6363DEMO is a 4-layer board with a full power and
ground plane. For optimum results, follow the steps below as a
basis for high frequency layout:
• Include 10µF and 0.1µF ceramic bypass capacitors
• Place the 10µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Connect all external ground pins as tightly as possible,
preferably with a large ground plane under the package
• Layout channel connections to reduce mutual trace inductance
• Minimize all trace lengths to reduce series inductances. If
routing across a board, place device such that longer traces
are at the inputs rather than the outputs.
If using multiple, low impedance DC coupled outputs, special
layout techniques may be employed to help dissipate heat.
If a multilayer board is used, a large ground plane directly
under the device will help reduce package case temperature.
For dual layer boards, an extended plane can be used.
Worse case additional die power due to DC loading can be
estimated at (VCC
2/4R
load) per output channel. This assumes a
constant DC output voltage of VCC
2. For 5V Vcc with a dual DC
video load, add 25/(4*75) = 83mW, per channel.
75
Ω
LCVF
Bias
Input
75
Ω
0.1u
External Video
source must
be AC-coupled.
500mV +/-350mV
7.5M
Ω
DVD or
STB
SoC
DAC
Output
75
Ω
LCVF
Clamp
Inactive
0V - 1.4V
220u
DVD or
STB
SoC
DAC
Output
75Ω
LCVF
Clamp
Active
0.1u
0V - 1.4V
220u
75
Ω
LCVF
Clamp
Active
75
Ω
0.1u
External video
source must
be AC-coupled.
220u
500mV +/-350mV
7.5M
Ω


Similar Part No. - FMS6363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Shenzhen Huazhimei Semi...
FMS6363 HMSEMI-FMS6363 Datasheet
916Kb / 8P
   Three-channel 6-order HD video filter driver IC
More results

Similar Description - FMS6363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
   Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
FMS6363ACSX FAIRCHILD-FMS6363ACSX Datasheet
330Kb / 10P
   Three-Channel 7th-Order High-Definition VoltagePlus??Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com