Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40434V14Z-A Datasheet(PDF) 6 Page - Intersil Corporation

Part # X40434V14Z-A
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40434V14Z-A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X40434V14Z-A Datasheet HTML 2Page - Intersil Corporation X40434V14Z-A Datasheet HTML 3Page - Intersil Corporation X40434V14Z-A Datasheet HTML 4Page - Intersil Corporation X40434V14Z-A Datasheet HTML 5Page - Intersil Corporation X40434V14Z-A Datasheet HTML 6Page - Intersil Corporation X40434V14Z-A Datasheet HTML 7Page - Intersil Corporation X40434V14Z-A Datasheet HTML 8Page - Intersil Corporation X40434V14Z-A Datasheet HTML 9Page - Intersil Corporation X40434V14Z-A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
FN8251.1
May 24, 2006
PIN CONFIGURATION
V3MON
VSS
VCC
SDA
SCL
3
2
4
1
12
13
11
14
LOWLINE
NC
RESET
7
6
5
8
9
10
V2MON
MR
WP
3
2
4
1
12
13
11
14
7
6
5
8
9
10
V3FAIL
WDO
V2FAIL
V3MON
VCC
SDA
SCL
WP
V3FAIL
WDO
VSS
LOWLINE
NC
RESET
V2MON
MR
V2FAIL
X40430, X40434
X40431, X40435
14 Ld SOIC, TSSOP
14 Ld SOIC, TSSOP
PIN DESCRIPTION
Pin
Name
Function
1V2FAIL
V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and goes
HIGH when V2MON exceeds VTRIP2. There is no power-up reset delay circuitry on this pin.
2V2MON
V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes LOW.
This input can monitor an unregulated power supply with an external resistor divider or can monitor a
second power supply with no external components. Connect V2MON to VSS or VCC when not used. The
V2MON comparator is supplied by V2MON (X40430, X40431) or by the VCC input (X40434, X40435).
3LOWLINE Early Low VCC Detect. This CMOS output signal goes LOW when VCC < VTRIP1 and goes high when
VCC > VTRIP1.
4NC
No connect.
5MR
Manual Reset Input. Pulling the MR pin LOW initiates a system reset. The RESET/RESET pin will re-
main HIGH/LOW until the pin is released and for the tPURST thereafter.
6
RESET/
RESET
RESET Output. (X40431, X40435) This open drain pin is an active LOW output which goes LOW when-
ever VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active for the pro-
grammed time period (tPURST) on power-up. It will also stay active until manual reset is released and for
tPURST thereafter.
RESET Output. (X40430, X40434) This pin is an active HIGH CMOS output which goes HIGH when-
ever VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active for the pro-
grammed time period (tPURST) on power-up. It will also stay active until manual reset is released and for
tPURST thereafter.
7VSS
Ground
8SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open
drain output and may be wire ORed with other open drain or open collector outputs. This pin requires a
pull up resistor and the input buffer is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to LOW and
followed by a stop condition) restarts the Watchdog timer. The absence of this transition within the
watchdog time out period results in WDO going active.
9SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
10
WP
Write Protect. WP HIGH prevents writes to any location in the device (including all the registers). It has
an internal pull down resistor (>10M
Ω typical).
11
V3MON
V3 Voltage Monitor Input. When the V3MON input is less than the VTRIP3 voltage, V3FAIL goes LOW.
This input can monitor an unregulated power supply with an external resistor divider or can monitor a
third power supply with no external components. Connect V3MON to VSS or VCC when not used. The
V3MON comparator is supplied by the V3MON input.
12
V3FAIL
V3 Voltage Fail Output. This open drain output goes LOW when V3MON is less than VTRIP3 and goes
HIGH when V3MON exceeds VTRIP3. There is no power-up reset delay circuitry on this pin.
13
WDO
WDO Output. WDO is an active LOW, open drain output which goes active whenever the watchdog
timer goes active.
14
VCC
Supply Voltage
X40430, X40431, X40434, X40435


Similar Part No. - X40434V14Z-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40434V14Z-B RENESAS-X40434V14Z-B Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results

Similar Description - X40434V14Z-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com