Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6407MTC20X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6407MTC20X
Description  Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6407MTC20X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6407MTC20X Datasheet HTML 1Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 2Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FMS6407MTC20X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
REV. 1I July 2005
DATA SHEET
FMS6407
DC Electrical Specifications
(TC = 25°C, Vi = 1Vpp, VCC = 5.0V, all inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF into 150Ω,
referenced to 400kHz; unless otherwise noted)
Standard Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp, VCC = 5.0V, FSEL0 = 0, FSEL1 = 0, gain = 6dB, RSOURCE = 37.5Ω, all inputs AC coupled with
0.1µF, all outputs AC coupled with 220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Progressive Scan (PS) Electrical Specifications
(TC = 25°C, Vi = 1Vpp, VCC = 5.0V, FSEL0 = 1, FSEL1 = 0, gain = 6dB, RSOURCE = 37.5Ω, all inputs AC coupled with
0.1µF, all outputs AC coupled with 220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current1
VCC no load
105
130
mA
Vi
Input Voltage Max
1.5
Vpp
Vil
Digital Input Low1
FSEL1, FSEL2, RGB, 0dB,
EXT_SYNC, CV_SEL, SYNC_IN
0
0.8
V
Vih
Digital Input High1
FSEL1, FSEL2, RGB, 0dB,
EXT_SYNC, CV_SEL, SYNC_IN
2.4
VCC
V
VCLAMP1
Output Clamp Voltage
R,G,B,Y,CV
250
mV
VCLAMP2
Output Clamp Voltage
Pb,Pr,C
1.125
V
PSRR
Power Supply Rejection Ratio
DC (all channels)
-40
dB
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVSD
SD Gain, 0dB = ‘0’1
All Channels SD Mode
5.6
6.0
6.4
dB
AVSD
SD Gain, 0dB = ‘1’1
All Channels SD Mode
-0.4
0
0.4
dB
f1dBSD
-1dB Bandwidth for SD1
All Channels
5.5
6.75
MHz
fCSD
-3dB Bandwidth for SD
All Channels
8.2
MHz
fSBSD
Attenuation: SD (Stopband Reject)1
All Channels at f = 27MHz
40
56
dB
dG
Differential Gain
All Channels
0.26
%
Differential Phase
All Channels
0.11
°
THD
Output Distortion (All Channels)
Vout = 1.8Vpp at 1MHz
0.4
%
XTALK
Crosstalk (Channel-to-Channel)
at 1.0MHz
-65
dB
INMUXISO
INMUX Isolation
at 1.0MHz
-70
dB
SNR
Signal-to-Noise Ratio
All Channels, NTC-7 Weighting,
4.2MHz lowpass, 100kHz Highpass
73
dB
tpdSD
Propagation Delay for SD
Delay from Input to Output at 4.5MHz
80
ns
T1
SYNC to SYNC_IN Delay
10
ns
T2
SYNC_IN Min Pulse Width
4
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVPS
PS Gain, 0dB = ‘0’1
All Channels PS Mode
5.6
6.0
6.4
dB
AVPS
PS Gain, 0dB = ‘1’1
All Channels PS Mode
-0.4
0
0.4
dB
f1dBPS
-1dB Bandwidth for PS1
All Channels
10
13.5
MHz
Note:
1. 100% tested at 25°C.


Similar Part No. - FMS6407MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6407MTC20X FAIRCHILD-FMS6407MTC20X Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
More results

Similar Description - FMS6407MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com