Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6208CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6208CB Datasheet HTML 1Page - Intersil Corporation ISL6208CB Datasheet HTML 2Page - Intersil Corporation ISL6208CB Datasheet HTML 3Page - Intersil Corporation ISL6208CB Datasheet HTML 4Page - Intersil Corporation ISL6208CB Datasheet HTML 5Page - Intersil Corporation ISL6208CB Datasheet HTML 6Page - Intersil Corporation ISL6208CB Datasheet HTML 7Page - Intersil Corporation ISL6208CB Datasheet HTML 8Page - Intersil Corporation ISL6208CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN9115.2
March 30, 2007
Typical Application with 2-Phase Converter
UGATE Fall Time (Note 5)
tFU
VVCC = 5V, 3nF load
-
8.0
-
ns
LGATE Fall Time (Note 5)
tFL
VVCC = 5V, 3nF load
-
4.0
-
ns
UGATE Turn-Off Propagation Delay
tPDLU
VVCC = 5V, outputs unloaded
-
18
-
ns
LGATE Turn-Off Propagation Delay
tPDLL
VVCC = 5V, outputs unloaded
-
25
-
ns
UGATE Turn-On Propagation Delay
tPDHU
VVCC = 5V, outputs unloaded
10
20
30
ns
LGATE Turn-On Propagation Delay
tPDHL
VVCC = 5V, outputs unloaded
10
20
30
ns
UG/LG Three-State Propagation Delay
tPTS
VVCC = 5V, outputs unloaded
-
35
-
ns
Minimum LG On TIME in DCM (Note 5)
tLGMIN
-
400
-
ns
OUTPUT
Upper Drive Source Resistance
RU
500mA source current
-
1
2.5
Ω
Upper Driver Source Current (Note 5)
IU
VUGATE-PHASE = 2.5V
-
2.00
-
A
Upper Drive Sink Resistance
RU
500mA sink current
-
1
2.5
Ω
Upper Driver Sink Current (Note 5)
IU
VUGATE-PHASE = 2.5V
-
2.00
-
A
Lower Drive Source Resistance
RL
500mA source current
-
1
2.5
Ω
Lower Driver Source Current (Note 5)
IL
VLGATE = 2.5V
-
2.00
-
A
Lower Drive Sink Resistance
RL
500mA sink current
-
0.5
1.0
Ω
Lower Driver Sink Current (Note 5)
IL
VLGATE = 2.5V
-
4.00
-
A
NOTE:
5. Guaranteed by characterization, not 100% tested in production.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
+5V
BOOT
UGATE
PHASE
LGATE
PWM
FCCM
VCC
DRIVE
VBAT
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VBAT
+VCORE
PGOOD
VID
FS
GND
ISEN2
ISEN1
PWM2
PWM1
VSEN
MAIN
FB
VCC
+5V
COMP
ISL6208A
CONTROL
VCC
DRIVE
ISL6208A
+5V
DACOUT
FCCM
FCCM
THERMAL
PAD
THERMAL
PAD
ISL6208


Similar Part No. - ISL6208CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB INTERSIL-ISL6208CB Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com