Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721ABZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6721ABZ
Description  Flexible Single Ended Current Mode PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721ABZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6721ABZ Datasheet HTML 4Page - Intersil Corporation ISL6721ABZ Datasheet HTML 5Page - Intersil Corporation ISL6721ABZ Datasheet HTML 6Page - Intersil Corporation ISL6721ABZ Datasheet HTML 7Page - Intersil Corporation ISL6721ABZ Datasheet HTML 8Page - Intersil Corporation ISL6721ABZ Datasheet HTML 9Page - Intersil Corporation ISL6721ABZ Datasheet HTML 10Page - Intersil Corporation ISL6721ABZ Datasheet HTML 11Page - Intersil Corporation ISL6721ABZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN9110.4
April 13, 2007
OV Bias Current
VOV = 2.00 V
-1.0
-
1.0
μA
THERMAL PROTECTION
Thermal Shutdown
(Note 5)
120
130
140
°C
Thermal Shutdown Clear
(Note 5)
105
120
135
°C
Hysteresis
(Note 5)
-
10
-
°C
NOTES:
3. Specifications at -40°C and +105°C although guaranteed, are not 100% tested in production.
4. This is the VCC current consumed when the device is active but not switching. Does not include gate drive current.
5. These parameters, although guaranteed, are not 100% tested in production.
6. This is the maximum duty cycle achievable using the specified values of RT and CT. Larger or smaller maximum duty cycles may be obtained
using other values for RT and CT. See Equations 1 , 2, 3 and 4.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematicon page 2 and page 3. 9V < VCC = VC < 20V, RT = 11kΩ, Ct = 330 pF, TA = -40 to +105°C (Note 3),
Typical values are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. EA REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. VREF REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 3. OSCILLATOR FREQUENCY vs TEMPERATURE
FIGURE 4. RESISTANCE FOR CT CAPACITOR VALUES GIVEN
0.991
0.993
0.995
0.998
1
1.002
TEMPERATURE (°C)
-40
-10
20
50
80
110
1.002
1.000
0.998
0.995
0.993
0.991
0.991
0.993
0.995
0.998
1
1.002
1.002
1.000
0.998
0.995
0.993
0.991
-10
205080
110
-40
TEMPERATURE (°C)
1.002
0.996
0.989
0.983
0.976
0.970
-10
205080
110
-40
TEMPERATURE (°C)
10
20
40
50
60
70
80
90 100
10
100
103
RT (k
Ω)
30
100pF
220pF
330pF
470pF
680pF
1000pF
2000pF
ISL6721


Similar Part No. - ISL6721ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
logo
Renesas Technology Corp
ISL6721ABZ RENESAS-ISL6721ABZ Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results

Similar Description - ISL6721ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com