Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612ACB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6612ACB
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612ACB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6612ACB Datasheet HTML 1Page - Intersil Corporation ISL6612ACB Datasheet HTML 2Page - Intersil Corporation ISL6612ACB Datasheet HTML 3Page - Intersil Corporation ISL6612ACB Datasheet HTML 4Page - Intersil Corporation ISL6612ACB Datasheet HTML 5Page - Intersil Corporation ISL6612ACB Datasheet HTML 6Page - Intersil Corporation ISL6612ACB Datasheet HTML 7Page - Intersil Corporation ISL6612ACB Datasheet HTML 8Page - Intersil Corporation ISL6612ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN9159.6
July 27, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT-GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Input Voltage (VPWM). . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 7V
UGATE . . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VPVCC + 0.3V
PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC
GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT-GND<36V)
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . .Class I JEDEC STD
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . .5V to 12V
±10%
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
EPSOIC Package (Notes 2, 3) . . . . . .
50
7
DFN Package (Notes 2, 3). . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range. . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
3. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
ISL6612A, fPWM = 300kHz, VVCC =12V
-
7.2
-
mA
ISL6613A, fPWM = 300kHz, VVCC =12V
-
4.5
-
mA
IVCC
ISL6612A, fPWM = 1MHz, VVCC = 12V
-
11
-
mA
ISL6613A, fPWM = 1MHz, VVCC = 12V
-
5
-
mA
Gate Drive Bias Current
IPVCC
ISL6612A, fPWM = 300kHz, VPVCC = 12V
-
2.5
-
mA
ISL6613A, fPWM = 300kHz, VPVCC = 12V
-
5.2
-
mA
IPVCC
ISL6612A, fPWM = 1MHz, VPVCC = 12V
-
7
-
mA
ISL6613A, fPWM = 1MHz, VPVCC = 12V
-
13
-
mA
POWER-ON RESET AND ENABLE
VCC Rising Threshold
TA = 0°C to 85°C
9.35
9.80
10.00
V
VCC Rising Threshold
TA = -40°C to 85°C
8.35
9.80
10.00
V
VCC Falling Threshold
TA = 0°C to 85°C
7.35
7.60
8.00
V
VCC Falling Threshold
TA = -40°C to 85°C
6.35
7.60
8.00
V
PWM INPUT (See Timing Diagram on Page 7)
Input Current
IPWM
VPWM = 5V
-
450
-
µA
VPWM = 0V
-
-400
-
µA
PWM Rising Threshold
VCC = 12V
-
3.00
-
V
PWM Falling Threshold
VCC = 12V
-
2.00
-
V
Typical Three-State Shutdown Window
VCC = 12V
1.80
-
2.40
V
Three-State Lower Gate Falling Threshold
VCC = 12V
-
1.50
-
V
Three-State Lower Gate Rising Threshold
VCC = 12V
-
1.00
-
V
ISL6612A, ISL6613A


Similar Part No. - ISL6612ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACB INTERSIL-ISL6612ACB Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612ACB-T INTERSIL-ISL6612ACB-T Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612ACBZ RENESAS-ISL6612ACBZ Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6612ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
212Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com