Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DR85J Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6214DR85J
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DR85J Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6214DR85J Datasheet HTML 1Page - Torex Semiconductor XC6214DR85J Datasheet HTML 2Page - Torex Semiconductor XC6214DR85J Datasheet HTML 3Page - Torex Semiconductor XC6214DR85J Datasheet HTML 4Page - Torex Semiconductor XC6214DR85J Datasheet HTML 5Page - Torex Semiconductor XC6214DR85J Datasheet HTML 6Page - Torex Semiconductor XC6214DR85J Datasheet HTML 7Page - Torex Semiconductor XC6214DR85J Datasheet HTML 8Page - Torex Semiconductor XC6214DR85J Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
XC6214 Series
MARK
PRODUCT SERIES
D
XC6214Pxx2xx
MARK
VOLTAGE (V)
PRODUCT SERIES
P
1.5 ~ 3.0
XC6214Pxx2xx
R
3.1 ~ 5.0
XC6214Pxx2xx
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
-
3.1
F
1.6
4.6
1
-
3.2
H
1.7
4.7
2
-
3.3
K
1.8
4.8
3
-
3.4
L
1.9
4.9
4
-
3.5
M
2.0
5.0
5
-
3.6
N
2.1
-
6
-
3.7
P
2.2
-
7
-
3.8
R
2.3
-
8
-
3.9
S
2.4
-
9
-
4.0
T
2.5
-
A
-
4.1
U
2.6
-
B
-
4.2
V
2.7
-
C
-
4.3
W
2.8
-
D
-
4.4
Y
2.9
-
E
1.5
4.5
Z
3.0
-
MARK
PRODUCTION YEAR
4
2004
5
2005
MARK
MONTH
MARK
MONTH
MARK
MONTH
A
January
E
May
J
September
B
February
F
June
K
October
C
March
G
July
L
November
D
April
H
August
M
December
MARKING RULE
SOT-89
Represents product series
Represents output voltage range
Represents output voltage
Represents the last digit of the production year (ex.)
Represents the production month
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
Note: No character inversion used.
SOT-89
(TOP VIEW)


Similar Part No. - XC6214DR85J

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DR85J

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com