Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6298CR4Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6298CR4Z
Description  Li-ion/Li-Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6298CR4Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6298CR4Z Datasheet HTML 6Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 7Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 8Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 9Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 10Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 11Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 12Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 13Page - Intersil Corporation ISL6298CR4Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN9173.4
March 9, 2006
Theory of Operation
The ISL6298 is an integrated charger optimized for low-
capacity single-cell Li-ion or Li-polymer batteries. It charges
a battery with the constant current (CC) and constant voltage
(CV) profile. The charge current is trimmed to have better
than 10% accuracy at 250mA and is programmable up to
450mA. The charge voltage has 1% accuracy.
Figure 20 shows the typical operating waveforms after
power on. The power is applied at t0. When the input voltage
reaches the power-on reset (POR) threshold at t1, the V2P8
pin starts to output a 2.8V supply. This supply also powers
the internal control circuit. The POR initiates a charge cycle.
Six different ways can initiate a charge cycle, as listed in
Table 1.
A charge cycle goes through a trickle mode (t1 to t2), a
constant current (CC) mode (t2 to t3) and a constant voltage
(CV) mode (t3 to t5). The total fast charge (CC and CV) time
(t2 to t5) is programmed by users to prevent charging a faulty
battery for an excessively long time. At the end of the fast
charge time (t5), the charger is terminated. The charger
must reach an end-of-charge (EOC) condition before the
termination; otherwise, the charger issues a fault indication
through the FAULT pin. The charger issues a logic low signal
at the STATUS pin at the beginning of a charge cycle. When
the EOC condition is reached, the STATUS rises to high, as
shown at t4.
After termination, if the battery voltage drops below a
recharge threshold (t6 in Figure 20), a re-charge cycle will
take place. The total time for the recharge cycle is the total
fast charge time (t7 to t8). The trickle charge time is
negligible in a recharge cycle. More detailed description for
the operation is given below.
Power on Reset (POR)
The ISL6298 resets itself as the input voltage rises above
the POR rising threshold. The V2P8 pin outputs a 2.8V
voltage, the internal oscillator starts to oscillate, the internal
timer is reset, and the charger begins to charge the battery.
The two indication pins, STATUS and FAULT, indicate a
LOW and a HIGH logic signal respectively. Figure 20
illustrates the startup of the charger between t0 to t2.
The ISL6298 has a typical rising POR threshold of 3.4V and
a falling POR threshold of 2.4V. The 2.4V falling threshold
guarantees charger operation with a current-limited adapter
to minimize the thermal dissipation. See more details on
using a current-limited adapter in the ISL6292 datasheet,
available at http://www.intersil.com.
Internal Oscillator
The internal oscillator (see the Block Diagram) establishes a
timing reference. The oscillation period is programmable
with an external timing capacitor, CTIME, as shown in Typical
Applications. The oscillator charges the timing capacitor to
1.5V and then discharges it to 0.5V in one period, both with
10
µA current. The period TOSC is:
(EQ. 1)
A 1nF capacitor results in a 0.2ms oscillation period.
Total Fast Charge Time
The total fast charge time TIMEOUT is also programmed by
the CTIME. A 22-stage binary counter increments each
oscillation period to set the TIMEOUT, thus,
(EQ. 2)
A 1nF capacitor leads to 14 minutes of TIMEOUT. If a user
needs to set the TIMEOUT to 3.5 hours, a 15nF capacitor is
required. The charger must reach EOC before the charger
terminates, otherwise, a TIMEOUT fault will be issued.
Trickle Charge Time
The trickle charge time is limited to 1/8 of TIMEOUT. If the
trickle charge time (t1 to t2) exceeds the limit, a TIMEOUT
fault will be issued. The end of trickle charger is determined
by the battery voltage staying above the trickle charge
threshold (given in the Electrical Specification) for 15
consecutive cycles of TOSC; therefore, the minimum time
TABLE 1. EVENTS THAT LEADS TO A NEW CHARGE CYCLE
#
EVENT
1
Power on Reset
2
The VIN pin voltage drops below the VBAT pin voltage and
then rises back above the VBAT pin voltage
3
A new battery being inserted (detected by TEMP pin)
4
The battery voltage drops below a recharge threshold after
completing a charge cycle
5
recovery from a battery over-temperature fault
6
the EN pin is toggled from GND to floating
FIGURE 20. TYPICAL OPERATING WAVEFORMS
VIN
V2P8
STATUS
FAULT
VBAT
I
CHARGE
15 Cycles to
1/8 TIMEOUT
15 Cycles
POR Threshold
2.8V V
MIN
V
RECHRG
t
0
t
1 t2
t
3
t
4
t
5
t
6 t7
t
8
Charge Cycle
Charge Cycle
I
MIN
TOSC
0.2 10
6 C
TIME
=
onds
sec
()
TIMEOUT
2
22 T
OSC
14
CTIME
1nF
------------------
=
=
minutes
()
ISL6298


Similar Part No. - ISL6298CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6298CR4Z RENESAS-ISL6298CR4Z Datasheet
776Kb / 17P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
More results

Similar Description - ISL6298CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com