Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6298CR4Z-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6298CR4Z-T
Description  Li-ion/Li-Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6298CR4Z-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6298CR4Z-T Datasheet HTML 2Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 3Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 4Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 5Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 6Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 7Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 8Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 9Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN9173.4
March 9, 2006
FIGURE 13. INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE WHEN SHUTDOWN
FIGURE 14. INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE WHEN NOT SHUTDOWN
FIGURE 15. STATUS/FAULT PIN VOLTAGE vs CURRENT WHEN THE OPEN-DRAIN MOSFET TURNS ON
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = 25°C,
RIREF = RIMIN = 80kΩ, VBAT = 3.7V, Unless Otherwise Noted (Continued)
0
5
10
15
20
25
30
35
40
45
50
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
4.2
4.5
4.8
5.1
5.4
5.7
6.0
6.3
6.6
INPUT VOLTAGE (V)
0
4
8
12
16
20
24
28
0.00.5 1.01.5 2.0 2.5 3.03.5 4.04.5 5.0
PIN VOLTAGE (V)
ISL6298


Similar Part No. - ISL6298CR4Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6298CR4Z-T RENESAS-ISL6298CR4Z-T Datasheet
776Kb / 17P
   Li-ion/Li-Polymer Battery Charger
More results

Similar Description - ISL6298CR4Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com