Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6549CAZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6549CAZA
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CAZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6549CAZA Datasheet HTML 5Page - Intersil Corporation ISL6549CAZA Datasheet HTML 6Page - Intersil Corporation ISL6549CAZA Datasheet HTML 7Page - Intersil Corporation ISL6549CAZA Datasheet HTML 8Page - Intersil Corporation ISL6549CAZA Datasheet HTML 9Page - Intersil Corporation ISL6549CAZA Datasheet HTML 10Page - Intersil Corporation ISL6549CAZA Datasheet HTML 11Page - Intersil Corporation ISL6549CAZA Datasheet HTML 12Page - Intersil Corporation ISL6549CAZA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN9168.2
September 22, 2006
soft-start cycles (1 internal soft-start ramp cycle, plus
one-quarter on the next).
If either VINx voltage is not present at startup, that will cause a
UV shutdown and restart cycle; similarly, if either VINx is
removed after start-up, a shutdown and restart cycle will start
when its output drifts down to the UV trip point. But in both
cases, once the VINx is restored, the VOUTs will recover on
the next soft-start ramp.
Figure 5 shows an example of the start-up, with VIN1 not
powered. VOUT2 ramps up one-quarter of the way, at which
time the UV comparators are enabled. Since VIN1 is not
present, VOUT1 will not be following the soft-start ramp up,
and it will fail the test for UV, shutting down both outputs. It
starts an internal delay time-out (equal to one soft-start
interval), and then starts a new ramp. For this example, it
shows about a 1.6ms ramp up, and 6.4ms off, before the next
ramp starts. Thus, the total period of 8ms is based on 1.25
soft-start cycles (one-quarter of the first ramp, and then one
full time-out, at a clock period of around 1.6µs) The dotted
magenta line shows the case where VOUT2 is allowed to
ramp all of the way up to 2V.
Switching Frequency
The switching frequency of the ISL6549 is determined by the
value of the FS resistor. The graph in Figure 6 shows the
dependence between the resistor chosen and the resulting
switching frequency.
Output Voltage Selection
The output voltage of the PWM converter can be programmed
to any level between VIN1 and the internal reference, 0.8V.
However, even though the ISL6549 can run at near 100%
duty cycle at zero load, additional voltage margin is required
above VIN1 to allow for loading. An external resistor divider is
used to scale the output voltage relative to the reference
voltage and feed it back to the inverting input of the error
amplifier (see Figure 7). A typical value for R1 may be 1.00k
(±1% for accuracy), and then R4 (also ±1%) is chosen
according to Equation 1:
R1 is also part of the compensation circuit (see “PWM
Controller Feedback Compensation” on page 10 for more
details), so once chosen for that, it should not be changed to
adjust VOUT1; only change R4. If the output voltage desired
is 0.8V, simply route VOUT1 back to the FB pin through R1,
but do not populate R4. VOUT1 voltages less than the 0.8V
reference are not available.
The linear regulator output voltage is also set by means of
an external resistor divider as shown in Figure 8. Select a
value for R5 (typical 1.00k
Ω ±1% for accuracy), and use
Equation 2 to calculate R6 (also ±1%), where VOUT2 is the
desired linear regulator output voltage and VREF is the
internal reference voltage, 0.8V. For an output voltage of
0.8V, simply populate R5 with a value less than 5k
Ω and do
not populate R6. VOUT2 voltages less than the 0.8V
reference are not available.
FIGURE 5. UNDERVOLTAGE PROTECTION (SIMULATED BY
HAVING NO VIN1 ON POWER-UP)
GND>
VOUT2 (0.5V/DIV)
VOUT2 (0.5V/DIV)
GND>
1.6ms
6.4ms
VOUT1 (0.5V/DIV)
100k
1M
10k
100k
1M
R (k
Ω)
FIGURE 6. FREQUENCY vs FS RESISTOR
R4
R1
0.8V
×
V
OUT1
0.8V
----------------------------------------
=
(EQ. 1)
FIGURE 7. OUTPUT VOLTAGE SELECTION OF THE
SWITCHER (VOUT1)
R1
COUT1
VOUT1
R4
LOUT
ISL6549
Q1
FB
UGATE
COMP
R2
C1
C2
R3
C3
Q2
LGATE
VIN1
+
CIN1
+
V
OUT
1
0.8
1
R
1
R
4
--------
+
⎝⎠
⎛⎞
×
=
PHASE
R6
R5
0.8V
×
V
OUT2
0.8V
---------------------------------------
=
(EQ. 2)
ISL6549


Similar Part No. - ISL6549CAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549CAZA RENESAS-ISL6549CAZA Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com