Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2000 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF2000
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2000 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF2000_05 Datasheet HTML 1Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 2Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 3Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 4Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 5Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 6Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 7Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 8Page - Fairchild Semiconductor FPF2000_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FPF2000-FPF2007 Rev. D
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz copper board.
Note 2: Applicable only to FPF2002 and FPF2006. Latchoff current does not include current flowing into FLAGB.
Parameter
Symbol
Conditions
Min.
Typ.
Max
Units
Protections
Under Voltage Shutdown
UVLO
VIN Increasing
1.5
1.6
1.7
V
Under Voltage Shutdown Hysteresis
50
mV
Dynamic
Turn on time
tON
RL=500 , CL=0.1uF
50
s
Turn off time
tOFF
RL=500 , CL=0.1uF
0.5
s
VOUT Rise Time
tR
RL=500 , CL=0.1uF
10
s
VOUT Fall Time
tF
RL=500 , CL=0.1uF
0.1
s
Over Current Blanking Time
tBLANK
FPF2000, FPF2001, FPF2002,
FPF2004, FPF2005, FPF2006
5
10
20
ms
Auto-Restart Time
tRSTRT
FPF2000, FPF2001, FPF2004,
FPF2005
40
80
160
ms
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3
s
VIN = VON = 3.3V. Hard Short.
20
ns


Similar Part No. - FPF2000_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000_07 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2000_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com