Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8143S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD8143S
Description  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8143S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD8143S Datasheet HTML 1Page - Fairchild Semiconductor FOD8143S Datasheet HTML 2Page - Fairchild Semiconductor FOD8143S Datasheet HTML 3Page - Fairchild Semiconductor FOD8143S Datasheet HTML 4Page - Fairchild Semiconductor FOD8143S Datasheet HTML 5Page - Fairchild Semiconductor FOD8143S Datasheet HTML 6Page - Fairchild Semiconductor FOD8143S Datasheet HTML 7Page - Fairchild Semiconductor FOD8143S Datasheet HTML 8Page - Fairchild Semiconductor FOD8143S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.5
tm
May 2006
FOD814 Series, FOD617 Series, FOD817 Series
4-Pin High Operating Temperature
Phototransistor Optocouplers
Features
AC input response (FOD814 only)
Applicable to Pb-free IR reflow soldering
Compact 4-pin package
Current transfer ratio in selected groups:
FOD617A: 40–80%
FOD817: 50–600%
FOD617B: 63–125%
FOD817A:80–160%
FOD617C: 100–200%
FOD817B: 130–260%
FOD617D: 160–320%
FOD817C:200–400%
FOD814: 20–300%
FOD817D:300–600%
FOD814A: 50–150%
C-UL, UL and VDE approved
High input-output isolation voltage of 5000Vrms
Minimum BVCEO of 70V guaranteed
Higher operating temperatures (versus H11AXXX
counterparts)
Applications
FOD814 Series
AC line monitor
Unknown polarity DC sensor
Telephone line interface
FOD617 and FOD817 Series
Power supply regulators
Digital logic inputs
Microprocessor inputs
Description
The FOD814 consists of two gallium arsenide infrared
emitting diodes, connected in inverse parallel, driving a
silicon phototransistor output in a 4-pin dual in-line
package. The FOD617/817 Series consists of a gallium
arsenide infrared emitting diode driving a silicon
phototransistor in a 4-pin dual in-line package.
Functional Block Diagram
4
1
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FOD814
FOD617/817


Similar Part No. - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8143S FAIRCHILD-FOD8143S Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com