Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8143S Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FOD8143S
Description  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8143S Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD8143S Datasheet HTML 4Page - Fairchild Semiconductor FOD8143S Datasheet HTML 5Page - Fairchild Semiconductor FOD8143S Datasheet HTML 6Page - Fairchild Semiconductor FOD8143S Datasheet HTML 7Page - Fairchild Semiconductor FOD8143S Datasheet HTML 8Page - Fairchild Semiconductor FOD8143S Datasheet HTML 9Page - Fairchild Semiconductor FOD8143S Datasheet HTML 10Page - Fairchild Semiconductor FOD8143S Datasheet HTML 11Page - Fairchild Semiconductor FOD8143S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.5
Lead Free Recommended IR Reflow Condition
Recommended Wave Soldering condition
Profile Feature
Pb-Sn solder assembly
Lead Free assembly
Preheat condition
(Tsmin-Tsmax / ts)
100°C ~ 150°C
60 ~ 120 sec
150°C ~ 200°C
60 ~120 sec
Melt soldering zone
183°C
60 ~ 120 sec
217°C
30 ~ 90 sec
Peak temperature (Tp)
240 +0/-5°C
260 +0/-5°C
Ramp-down rate
6°C/sec max.
6°C/sec max.
Profile Feature
For all solder assembly
Peak temperature (Tp)
Max 260°C for 10 sec
Time (sec)
ts (Preheat)
25
°C
Tsmin
Tsmax
Tp
Soldering zon
Ramp-down


Similar Part No. - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8143S FAIRCHILD-FOD8143S Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com