Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2005 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2005
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2005 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2005 Datasheet HTML 2Page - Fairchild Semiconductor FPF2005 Datasheet HTML 3Page - Fairchild Semiconductor FPF2005 Datasheet HTML 4Page - Fairchild Semiconductor FPF2005 Datasheet HTML 5Page - Fairchild Semiconductor FPF2005 Datasheet HTML 6Page - Fairchild Semiconductor FPF2005 Datasheet HTML 7Page - Fairchild Semiconductor FPF2005 Datasheet HTML 8Page - Fairchild Semiconductor FPF2005 Datasheet HTML 9Page - Fairchild Semiconductor FPF2005 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
FPF2000-FPF2007 Rev. D
Typical Characteristics
Figure 7. Current Limit vs. Output Voltage
Figure 8. Current Limit vs. Temperature
Figure 9. R(ON) vs. VIN
Figure 10. R(ON) vs. Temperature
Figure 11. TON/TOff vs. Temperature
Figure 12. TRISE/TFALL vs. Temperature
0
20
40
60
80
100
120
140
160
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
VIN - VOUT (V)
FPF2000, 2001, 2002, 2003
FPF2004, 2005, 2006, 2007
0
20
40
60
80
100
120
140
160
180
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
I_LIMIT
FPF2004, 2005, 2006, 2007
FPF2000, 2001, 2002, 2003
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN, INPUT VOLTAGE (V)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.8V
VIN = 3.6V
VIN = 5V
0.01
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
ILOAD = 10mA
VCC = 3.3V
TRise
TFall
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
ILOAD = 10mA
VCC = 3.3V
TON
TOFF


Similar Part No. - FPF2005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2005 FAIRCHILD-FPF2005 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2005 FAIRCHILD-FPF2005 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2005 FAIRCHILD-FPF2005 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2005 ONSEMI-FPF2005 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com