Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA7N80 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQA7N80
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA7N80 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA7N80 Datasheet HTML 1Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 2Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 3Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 4Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 5Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 6Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 7Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 8Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQA7N80 Rev. A1
September 2006
QFET
®
FQA7N80
800V N-Channel MOSFET
Features
• 7.2A, 800V, RDS(on) = 1.5Ω @VGS = 10 V
• Low gate charge ( typical 40 nC)
• Low Crss ( typical 19pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3P
FQA Series
Symbol
Parameter
FQA7N80
Units
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
7.2
A
- Continuous (TC = 100°C)
4.6
A
IDM
Drain Current
- Pulsed
(Note 1)
28.8
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
580
mJ
IAR
Avalanche Current
(Note 1)
7.2
A
EAR
Repetitive Avalanche Energy
(Note 1)
19.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
198
W
- Derate above 25°C
1.58
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.63
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


Similar Part No. - FQA7N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N80 FAIRCHILD-FQA7N80 Datasheet
780Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA7N80 ISC-FQA7N80 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
610Kb / 8P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
798Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - FQA7N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com