Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6293-2CR-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6293-2CR-T
Description  Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6293-2CR-T Datasheet(HTML) 6 Page - Intersil Corporation

  ISL6293-2CR-T Datasheet HTML 1Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 2Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 3Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 4Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 5Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 6Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 7Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN9180.1
January 4, 2006
CHG (Pin 4)
Charge indication pin. When the charge current from the
cradle input during the constant current mode falls to below
8% of the programmed reference current by the ICDL pin or
the charge current from the USB input is below 10% of the
programmed charge current, the open-drain MOSFET is
turned off. The pin will be pulled to logic HIGH by an external
resistor to indicate the End Of Charge.
EN (Pin 5)
Enable logic input. Connect to LOW or leave floating to
enable the charger.
IUSB (Pin 6)
The IUSB pin programs the USB charge current. This pin is
regulated to 0.8V. The current flowing out of this pin is
mirrored to the USB charge current control reference. When
the USBP pin is connected to logic HIGH, the typical USB
charge current can be found as:
The RIUSB has a programming range of 80kΩ to 103kΩ,
thus the USB current has a nominal value ranging from
350mA to 450mA.
When the USBP pin is driven to logic LOW, the charge
current is approximately 1/5 of the above value.
USBP (Pin 7)
USB port selection logic input. When this pin is left floating or
driven to logic LOW, the USB port is regarded as a
low-power port, in such case the charge current is 100mA
maximum. When this pin is driven to logic HIGH, the USB
port is considered a high-power port, and the charge current
is 500mA maximum. The ratio of the charge current when
this pin is HIGH or LOW is fixed at approximately 5:1.
GND (Pin 8)
System ground.
ICDL (Pin 9)
The ICDL pin has two functions. The first function is to
program the cradle charge current during the constant-
current phase. The voltage of this pin is 1.20V during the
constant-current phase of the cradle input charger. The
constant-current is programmed by the following equation:
where RICDL is the resistor connected to the ICDL pin (see
Typical Application). The ratio is given by the following table
and curve.
It is recommended that the charge current be programmed
in the range of 300mA to 1A.
The second function of the ICDL pin is to monitor the actual
charge current. The voltage of this pin, VICDL, is proportional
to the actual charge current, ICHG, in either the USB or the
cradle charger. When the cradle charger or the USB charger
is working with USBP connected to logic HIGH, the ICDL pin
voltage is given by the following equation:
where the ratio has the same value given in Table 1.
The cradle charge current should be programmed equal or
higher than the USB current; otherwise, the ICDL pin voltage
will be higher than 1.20V during the constant current phase
when the USB charger is working. The charger still works
properly but the accuracy of the current monitoring voltage
degrades and saturates at approximately 2.1V.
When the USB charger is working with the USBP pin
connected to logic LOW, the ICDL pin voltage is
approximately five times of the above equation.
BAT (Pin 10)
Charger output pin. Connect this pin to the battery pack or
the battery cell. A 1µF or larger value ceramic capacitor is
recommended for decoupling. The charger relies on the
battery for stability so a battery should always be connected
to the BAT pin.
IUSB
45000
VREF
RIUSB
------------------
45000
0.8V
RIUSB
------------------
×
A
()
=
=
ICDL
1.20V
RICDL
----------------- ratio
=
A
()
TABLE 1. RATIO vs. RICDL
RICDL (kΩ)
1.5
2.2
3.0
3.9
4.6
Ratio
1291
1216
1155
1122
1088
FIGURE 1. THE RATIO USED IN THE CHARGE CURRENT
CALCULATION vs. RICDL
1280
1250
1220
1190
1160
1130
1100
1070
1
2345
RICDL (kΩ)
VICDL
1.20V
ICDL
---------------- ICHG
RICDL ICHG
ratio
------------------------------------
=
=
ISL6293


Similar Part No. - ISL6293-2CR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293-2CR-T INTERSIL-ISL6293-2CR-T Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CR-T RENESAS-ISL6293-2CR-T Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6293-2CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com