Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6753 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6753
Description  ZVS Full-Bridge PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6753 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6753 Datasheet HTML 7Page - Intersil Corporation ISL6753 Datasheet HTML 8Page - Intersil Corporation ISL6753 Datasheet HTML 9Page - Intersil Corporation ISL6753 Datasheet HTML 10Page - Intersil Corporation ISL6753 Datasheet HTML 11Page - Intersil Corporation ISL6753 Datasheet HTML 12Page - Intersil Corporation ISL6753 Datasheet HTML 13Page - Intersil Corporation ISL6753 Datasheet HTML 14Page - Intersil Corporation ISL6753 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN9182.2
April 4, 2006
For simplicity, idealized components have been used for this
discussion, but the effect of magnetizing inductance must be
considered when determining the amount of external ramp
to add. Magnetizing inductance provides a degree of slope
compensation to the current feedback signal and reduces
the amount of external ramp required. The magnetizing
inductance adds primary current in excess of what is
reflected from the inductor current in the secondary.
where VIN is the input voltage that corresponds to the duty
cycle D and Lm is the primary magnetizing inductance. The
effect of the magnetizing current at the current sense
resistor, RCS, is
If
∆VCS is greater than or equal to Ve, then no additional
slope compensation is needed and RCS becomes
If
∆VCS is less than Ve, then Equation 18 is still valid for the
value of RCS, but the amount of slope compensation added
by the external ramp must be reduced by
∆VCS.
Adding slope compensation is accomplished in the ISL6753
using the CTBUF signal. CTBUF is an amplified
representation of the sawtooth signal that appears on the CT
pin. It is offset from ground by 0.4V and is 2x the peak-to-
peak amplitude of CT (0.4 - 4.4V). A typical application sums
this signal with the current sense feedback and applies the
result to the CS pin as shown in Figure 7.
Assuming the designer has selected values for the RC filter
placed on the CS pin, the value of R9 required to add the
appropriate external ramp can be found by superposition.
Rearranging to solve for R9 yields
The value of RCS determined in Equation 18 must be
rescaled so that the current sense signal presented at the
CS pin is that predicted by Equation 16. The divider created
by R6 and R9 makes this necessary.
Example:
VIN = 280V
VO = 12V
LO = 2.0µH
Np/Ns = 20
Lm = 2mH
IO = 55A
Oscillator Frequency, Fsw = 400kHz
Duty Cycle, D = 85.7%
NCT = 50
R6 = 499
Solve for the current sense resistor, RCS, using Equation 18.
RCS = 15.1Ω.
Determine the amount of voltage, Ve, that must be added to
the current feedback signal using Equation 15.
Ve = 153mV
Next, determine the effect of the magnetizing current from
Equation 20.
∆VCS = 91mV
Using Equation 23, solve for the summing resistor, R9, from
CTBUF to CS.
R9 = 30.1k
Determine the new value of RCS, R’CS, using Equation 24.
R’CS = 15.4Ω
The above discussion determines the minimum external
ramp that is required. Additional slope compensation may be
considered for design margin.
I
P
V
IN DTSW
L
m
-------------------------------
=
A
(EQ. 19)
∆V
CS
∆I
P RCS
N
CT
--------------------------
=
V
(EQ. 20)
R
CS
N
CT
N
S
N
P
--------
I
O
DT
SW
2L
O
-----------------
V
IN
N
S
N
P
--------
V
O



+



V
IN DTSW
L
m
-------------------------------
+
--------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 21)
FIGURE 7. ADDING SLOPE COMPENSATION
R6
C4
R9
CTBUF
CS
1
2
4
3
5
6
7
8
R
CS
ISL6753
V
e
∆V
CS
DV
CTBUF
0.4
() 0.4
+
() R6
R6
R9
+
-------------------------------------------------------------------------------
=
V
(EQ. 22)
R9
DV
CTBUF
0.4
() V
e
∆V
CS
0.4
++
() R6
V
e
∆V
CS
-------------------------------------------------------------------------------------------------------------------
=
(EQ. 23)
R
CS
R6
R9
+
R9
---------------------- R
CS
=
(EQ. 24)
ISL6753


Similar Part No. - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
More results

Similar Description - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com