Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6173DRZA-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6173DRZA-T
Description  Dual Low Voltage Hot Swap Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6173DRZA-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6173DRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 10Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 11Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 12Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 13Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 14Page - Intersil Corporation ISL6173DRZA-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN9186.3
January 3, 2006
The two channels can be forced to track each other by
simply tying their SS pins together and using a common SS
capacitor. In addition, their EN pins also must be tied
together. Typical Start-up waveforms in this mode are shown
in Figure 15. If one channel goes down for any reason, the
other one will too. One important thing to note here is that
only the overcurrent latch-off mode will work. Auto-retry
feature WILL NOT work. Retry must be controlled manually
through EN.
Typical Hot-plug Power Up Sequence
1. When power is applied to the IC on the BIAS pin, the first
charge pump immediately powers up.
2. If the BIAS voltage is 2.1V or higher, the IC comes out of
POR. Both SS and CT caps remain discharged and the
gate (GT) voltage remains low.
3. ENx pin, when pulled low (below it’s specified threshold),
enables the respective channel.
4. SSx cap begins to charge up through the internal 10µA
current source, the gate (GT) voltage begins to rise and
the corresponding output voltage begins to rise at the
same rate as the SS cap voltage. This is tightly controlled
by the soft-start amplifier shown in the block diagram.
5. SS cap begins to charge but the corresponding CTx cap
is held discharged.
6. Fault (FLT) remains deasserted (stays high) and the
output voltage continues to rise.
7. If the load current on the output exceeds the set current
limit for greater than the OC timeout period, FLT gets
asserted and the channel shutdown occurs.
8. If the voltage on UV pin exceeds 633mV threshold as a
result of rising Vo, the Power Good (PG) output goes
active.
9. At the end of the SS interval, the SS cap voltage reaches
CPVDD and remains charged as long as EN remains
asserted or there is no other fault condition present that
would attempt to pull down the gate.
State Diagram
This is shown in Figure 16. It provides a quick overview of
the IC operation and can also be used as a troubleshooting
road map.
ISL6173


Similar Part No. - ISL6173DRZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6173DRZA-T INTERSIL-ISL6173DRZA-T Datasheet
452Kb / 20P
   Dual Low Voltage Hot Swap Controller
ISL6173DRZA-T INTERSIL-ISL6173DRZA-T Datasheet
454Kb / 20P
   Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6173DRZA-T RENESAS-ISL6173DRZA-T Datasheet
839Kb / 20P
   Dual Low Voltage Hot Swap Controller
More results

Similar Description - ISL6173DRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6172 INTERSIL-ISL6172 Datasheet
412Kb / 15P
   Dual Low Voltage Hot Swap Controller
June 2004
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
454Kb / 20P
   Dual Low Voltage Hot Swap Controller
January 3, 2006
ISL6173 INTERSIL-ISL6173 Datasheet
452Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Linear Technology
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com