Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLZ11VC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FLZ11VC
Description  Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ11VC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FLZ11VC Datasheet HTML 1Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 2Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 3Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 4Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 5Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 6Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 7Page - Fairchild Semiconductor FLZ11VC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. B
tm
September 2006
FLZ2V2 - FLZ39V
Zener Diodes
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
* Device mounted on FR-4 PCB with 3’’
× 4.5” X 0.06 with only signal trace
Electrical Characteritics T
amb = 25°C unless otherwise specified
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +175
°C
TJ
Maximum Junction Temperature
175
°C
IZM
Maximum Regulator Current
PD/VZ
mA
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter/ Test condition
Min.
Typ.
Max.
Unit
VF
Forward Voltage / IF=200mA
--
--
1.2
V
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
Color Band Marking
Per Tolerance
Refer to
Product table list
SOD-80
7”
8mm
2,500
SOD-80 Glass case
Color Band Denotes Cathode
Color Band Marking
Tolerance
1st Band
2nd Band
A
Blue
Red
B
Blue
Green
C
Blue
Black
D
Blue
Gray


Similar Part No. - FLZ11VC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ11VC FAIRCHILD-FLZ11VC Datasheet
428Kb / 6P
   Zener Diodes
More results

Similar Description - FLZ11VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com