Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6422ERZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6422ERZ-T
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6422ERZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6422ERZ-T Datasheet HTML 3Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 4Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 5Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 6Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 7Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 8Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 9Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 10Page - Intersil Corporation ISL6422ERZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN9190.1
April 10, 2007
TXT1 AND TXT2, EXTM1 AND EXTM2, SELVTOP1 AND SELVTOP2, ADDR0 AND ADDR1 INPUT PINs (Note 8)
Asserted LOW
0.8
V
Asserted HIGH
1.7
V
Input Current
25
μA
CURRENT SENSE (CS pin)
Input Bias Current
IBIAS
700
nA
Overcurrent Threshold
VCS
Static current mode, DCL = H
325
450
500
mV
ERROR AMPLIFIER
Open Loop Voltage Gain
AOL
88
dB
Gain Bandwidth Product
GBP
14
MHz
PWM
Maximum Duty Cycle
90
93
%
Minimum Pulse Width
20
ns
OSCILLATOR
Oscillator Frequency
fo
Fixed at (20) (ftone)
396
440
484
kHz
Thermal Shutdown
Temperature Shutdown Threshold
150
°C
Temperature Shutdown Hysteresis
20
°C
FLT
FLT (released)
VO = 6V
10
µA
FLT (asserted)
ISINK = 3.2mA (1.5k pull-up resistor to 5V)
0.4
V
NOTES:
5. Internal digital soft-start.
6. The EXTM1 and EXTM2, SELVTOP1 and SELVTOP2, TXT1 and TXT2, and ADDR0 and ADDR1 pins have 200k internal pull-downs.
7. On exceeding this dynamic back current limit threshold for a period of 100µs, the device enters the dynamic current limit mode, and the BCF I2C
bit is set. The dynamic back current limit duty during a BCF is ON = 100µs or OFF = 5ms.
8. In the dynamic back current limit mode, the output is ON for 20ms and OFF for 900ms, but remains continuously ON in the Static mode. When
tone is ON, the minimum current limit is 50mA lower than the values indicated in the table. While in the dynamic mode of current limit, the trip
level is momentarily increased to 990mA during the 20ms ON time to facilitate recovery from overload conditions.
Electrical Specifications
VCC = 12V, TA = -20°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. EN1 = EN2 = H,
VTOP1 = VTOP2 = L, ENT1 = ENT2 = L, DCL = L, DSQIN1 = DSQIN2 = L, IOUT = 12mA, unless otherwise
noted. See “ISL6422 Software Description” on page 12 for I2C access to the system. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6422


Similar Part No. - ISL6422ERZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6422ERZ RENESAS-ISL6422ERZ Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6422ERZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com