Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLZ15VA Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FLZ15VA
Description  Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ15VA Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FLZ15VA Datasheet HTML 1Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 2Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 3Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 4Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 5Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 6Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 7Page - Fairchild Semiconductor FLZ15VA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. B
Typical Performance Characteristics
Figure 1. Zener current vs. Zener Voltage
Figure 2. Zener current vs. Zener Impedence
Figure 3. FLZ2V2A
Zener current vs. Zener Voltage
Figure 4. FLZ6V8B
Zener current vs. Zener Voltage
Figure 5. FLZ12VC
Zener current vs. Zener Voltage
Figure 6. FLZ33VD
Zener current vs. Zener Voltage
12
3
4
5
6 7 8 9 10
20
30
0
10
20
30
40
50
FLZ39VB
FLZ33VD
T
A
= 25
OC
FLZ2V2A
FLZ6V8B
FLZ12VC
I
Z
- Zener Current, [mA]
0.1
1
10
1
10
100
1000
FLZ39VB
FLZ33VD
T
A
= 25
OC
FLZ2V2A
FLZ6V8B
FLZ12VC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
1.0
1.5
2.0
2.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
6.2
6.4
6.6
6.8
7.0
7.2
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
11.0
11.5
12.0
12.5
13.0
13.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
30
31
32
33
34
35
36
37
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]


Similar Part No. - FLZ15VA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ15VA FAIRCHILD-FLZ15VA Datasheet
428Kb / 6P
   Zener Diodes
More results

Similar Description - FLZ15VA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com