Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6425 Datasheet(PDF) 5 Page - Texas Instruments

Part # AZ6425
Description  QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ6425 Datasheet(HTML) 5 Page - Texas Instruments

  AZ6425 Datasheet HTML 1Page - Texas Instruments AZ6425 Datasheet HTML 2Page - Texas Instruments AZ6425 Datasheet HTML 3Page - Texas Instruments AZ6425 Datasheet HTML 4Page - Texas Instruments AZ6425 Datasheet HTML 5Page - Texas Instruments AZ6425 Datasheet HTML 6Page - Texas Instruments AZ6425 Datasheet HTML 7Page - Texas Instruments AZ6425 Datasheet HTML 8Page - Texas Instruments AZ6425 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6425
SLWS197 – MARCH 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, sampling rate = 125MSPS, 50% clock duty cycle, –1dBFS differential analog input, internal reference mode
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
70.9
Fin = 50 MHz
67.5
70.5
Fin = 100 MHz
69.9
SNR
Signal to noise ratio
0 dB gain
68.5
dBFS
Fin = 170 MHz
3.5 dB Coarse gain
68.1
0 dB gain
67.4
Fin = 230 MHz
3.5 dB Coarse gain
67.1
Fin = 10 MHz
70.7
Fin = 50 MHz
67
70
Fin = 100 MHz
69.7
SINAD
Signal to noise and distortion ratio
0 dB gain
66.9
dBFS
Fin = 170 MHz
3.5 dB Coarse gain
67.4
0 dB gain
66
Fin = 230 MHz
3.5 dB Coarse gain
66.5
RMS Output noise
Inputs tied to common-mode
0.407
LSB
Fin = 10 MHz
90
Fin = 50 MHz
73
83
Fin = 100 MHz
87
SFDR
Spurious free dynamic range
0 dB gain
75
dBc
Fin = 170 MHz
3.5 dB Coarse gain
79
0 dB gain
74
Fin = 230 MHz
3.5 dB Coarse gain
78
Fin = 10 MHz
93
Fin = 50 MHz
73
91
Fin = 100 MHz
90
HD2
Second harmonic
0 dB gain
85
dBc
Fin = 170 MHz
3.5 dB Coarse gain
88
0 dB gain
82
Fin = 230 MHz
3.5 dB Coarse gain
85
Fin = 10 MHz
90
Fin = 50 MHz
73
83
Fin = 100 MHz
87
HD3
Third harmonic
0 dB gain
75
dBc
Fin = 170 MHz
3.5 dB Coarse gain
79
0 dB gain
74
Fin = 230 MHz
3.5 dB Coarse gain
78
Fin = 10 MHz
95
Fin = 50 MHz
94
Worst harmonic (other than HD2,
Fin = 100 MHz
91
dBc
HD3)
Fin = 170 MHz
88
Fin = 230 MHz
86
5
Submit Documentation Feedback


Similar Part No. - AZ6425

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ6425-01F AMAZING-AZ6425-01F Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01F.R7G AMAZING-AZ6425-01F.R7G Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01G AMAZING-AZ6425-01G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
AZ6425-01G.R7G AMAZING-AZ6425-01G.R7G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
More results

Similar Description - AZ6425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com