Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6425 Datasheet(PDF) 11 Page - Texas Instruments

Part # AZ6425
Description  QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ6425 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AZ6425 Datasheet HTML 7Page - Texas Instruments AZ6425 Datasheet HTML 8Page - Texas Instruments AZ6425 Datasheet HTML 9Page - Texas Instruments AZ6425 Datasheet HTML 10Page - Texas Instruments AZ6425 Datasheet HTML 11Page - Texas Instruments AZ6425 Datasheet HTML 12Page - Texas Instruments AZ6425 Datasheet HTML 13Page - Texas Instruments AZ6425 Datasheet HTML 14Page - Texas Instruments AZ6425 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
www.ti.com
DESCRIPTION OF PARALLEL PINS
ADS6425
SLWS197 – MARCH 2007
Table 3. SCLK, SDATA Control Pins
SCLK
SDATA
DESCRIPTION
LOW
LOW
NORMAL conversion.
SYNC - ADC outputs sync pattern on all channels. This pattern can be used by the receiver to align the
LOW
HIGH
deserialized data to the frame boundary. See Capture Test Patterns for details.
POWER DOWN –Global power down, all channels of the ADC are powered down, including internal references,
HIGH
LOW
PLL and output buffers.
DESKEW - ADC outputs deskew pattern on all channels. This pattern can be used by the receiver to ensure
HIGH
HIGH
deserializer uses the right clock edge. See Capture Test Patterns for details.
Table 4. SEN Control Pin
SEN
DESCRIPTION
0
External reference and 0 dB coarse gain (Full-scale = 2V pp)
(3/8)LVDD
External reference and 3.5 dB coarse gain (Full-scale = 1.34V pp)
(5/8)LVDD
Internal reference and 3.5 dB coarse gain (Full-scale = 1.34V pp)
LVDD
Internal reference and 0 dB coarse gain (Full-scale = 2V pp)
Independent of the programming mode used, after power-up the parallel pins PDN, CFG1 to CFG4 will
automatically configure the device as per the voltage applied (Table 5 to Table 9).
Table 5. PDN Control Pin
PDN
DESCRIPTION
0
Normal operation
AVDD
Power down global
Table 6. CFG1 Control Pin
CFG1
DESCRIPTION
0
DDR bit clock and 1-wire interface
(3/8)LVDD
Not used
(5/8)LVDD
SDR bit clock and 2-wire interface
LVDD
DDR bit clock and 2-wire interface
Table 7. CFG2 Control Pin
CFG2
DESCRIPTION
0
12x serialization and capture at falling edge of bit clock (only with SDR bit clock)
(3/8)LVDD
14x serialization and capture at falling edge of bit clock (only with SDR bit clock)
(5/8)LVDD
14x serialization and capture at rising edge of bit clock (only with SDR bit clock)
LVDD
12x serialization and capture at rising edge of bit clock (only with SDR bit clock)
Table 8. CFG3 Control Pin
CFG3
RESERVED - TIE TO GROUND
Table 9. CFG4 Control Pin
CFG4
DESCRIPTION
0
MSB First and 2s complement
(3/8)LVDD
MSB First and Offset binary
(5/8)LVDD
LSB First and Offset binary
LVDD
LSB First and 2s complement
11
Submit Documentation Feedback


Similar Part No. - AZ6425

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ6425-01F AMAZING-AZ6425-01F Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01F.R7G AMAZING-AZ6425-01F.R7G Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01G AMAZING-AZ6425-01G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
AZ6425-01G.R7G AMAZING-AZ6425-01G.R7G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
More results

Similar Description - AZ6425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com