Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24030 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24030
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24030 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24030 Datasheet HTML 2Page - Texas Instruments BQ24030 Datasheet HTML 3Page - Texas Instruments BQ24030 Datasheet HTML 4Page - Texas Instruments BQ24030 Datasheet HTML 5Page - Texas Instruments BQ24030 Datasheet HTML 6Page - Texas Instruments BQ24030 Datasheet HTML 7Page - Texas Instruments BQ24030 Datasheet HTML 8Page - Texas Instruments BQ24030 Datasheet HTML 9Page - Texas Instruments BQ24030 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
bq24030, bq24031, bq24032A
bq24035, bq24038
SLUS618F – AUGUST 2004 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB PIN INPUT CURRENT REGULATION
VI(BAT) > V(LOWV),
VI(USB) - VI(BAT) > V(DO-MAX), ISET2= Low,
100
PSEL = Low, or no AC (12)
USB input current range,
I(USB)
mA
bq24030/32A/35/38(11)
VI(BAT) > V(LOWV),
VI(USB) - VI(BAT) > V(DO-MAX), ISET2= High,
400
500
PSEL = Low, or no AC (11)
BAT PIN CHARGING VOLTAGE REGULATION, VO (BAT-REG) + V (DO-MAX) < VCC, ITERM < IBAT(OUT) ≤ 1 A
bq24030/32A/35
4.2
Battery
bq24031
4.1
V
charge
VBSEL = HI
4.36
voltage
VO(BAT-REG)
bq24038
VBSEL = LO
4.2
TA = 25°C
–0.5%
0.5%
Battery charge voltage regulation
accuracy
–1%
1%
CHARGE TERMINATION DETECTION
Charge termination detection
VI(BAT) < V(RCH),
I(TERM)
10
150
mA
range
I(TERM) = (K(SET) × V(TERM))/ RSET
AC-charge termination detection
VI(BAT) > V(RCH) , PSEL = High,
V(TERM-AC)
235
250
265
mV
voltage, measured on ISET1
ACPG = Low
USB-charge termination detection
VI(BAT) > V(RCH), PSEL = Low or
V(TAPER-USB)
95
100
130
mV
voltage, measured on ISET1
PSEL = High and ACPG = High
tFALL = 100 ns, 10 mV overdrive,
Deglitch time for termination
TDGL(TERM)
ICHG increasing above or decreasing
22.5
ms
detection
below threshold
TEMPERATURE SENSE COMPARATORS
VLTF
High voltage threshold
Temp fault at V(TS) > VLTF
2.465
2.500
2.535
V
VHTF
Low voltage threshold
Temp fault at V(TS) < VHTF
0.485
0.500
0.515
V
ITS
Temperature sense current source
94
100
106
µA
R(TMR) = 50 kΩ, VI(BAT) increasing or
Deglitch time for temperature fault
TDGL(TF)
decreasing above and below;
22.5
ms
detection(13)
100-ns fall time, 10-mv overdrive
BATTERY RECHARGE THRESHOLD
VO(BAT-REG)
VO(BAT-REG)
VO(BAT-REG)
VRCH
Recharge threshold voltage
V
–0.075
–0.100
–0.125
R(TMR) = 50 kΩ, VI(BAT) increasing
Deglitch time for recharge
TDGL(RCH)
or decreasing below threshold,
22.5
ms
detection(13)
100-ns fall time, 10-mv overdrive
(11) With the PSEL= low, the bqTINY III-series defaults to USB charging. If USB input is
≤ V
BAT, then the bqTINY III-series charges from the
AC input at the USB charge rate. In this configuration, the specification is 400 mA (min) and 500 mA (max).
(12) With the PSEL= low, the bqTINY III-series defaults to USB charging. If USB input is
≤ V
BAT, then the bqTINY III-series charges from the
AC input at the USB charge rate. In this configuration, the specification is 80 mA (min) and 100 mA (max).
(13) All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
6
Submit Documentation Feedback


Similar Part No. - BQ24030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030IRHLRQ1 TI1-BQ24030IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030RHLR TI-BQ24030RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
More results

Similar Description - BQ24030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com