Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z90DBTR-V110G4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z90DBTR-V110G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z90DBTR-V110G4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z90DBTR-V110G4 Datasheet HTML 1Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 2Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 3Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 4Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 5Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 6Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 7Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 8Page - Texas Instruments BQ20Z90DBTR-V110G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
SYSTEM PARTITIONING DIAGRAM
LDO+
Reset
I2C
SMBus
HDQ
Pack+
Pack-
Discharge/Charge/
Pre-ChargeFETs
2-TierOverCurrent
Protection
2kBytesof
DataFlash
Fuse
Watchdog&
Protection Timing
SystemInterface
SystemInterface
32.768kHz
16DigGPIO&Peripherals
8DigGPIOor AnalogGPI
2.5V/3.3V(LED)
NchFET Drive
(ChargePumps)
RAMConfiguration,Status
andControlRegisters
24kx22Program
Flash
2kBytes
ofRAM
6kx22
MaskROM
Precharge
Control
TOUT andLEDOUT
PowerSupport
Reset
AnalogOutputDrive
32kHzOscillatorand8MHzSystemClock
T1
StandardDelta-Sigma A toDConverter
IntegratingDelta-Sigma A toDConverter
1
2
7
6
5
4
3
30
29
28
27
26
25
24
NC
XALERT
SDATA
SCLK
CLKOUT
TS1
VCELL-
VCELL+
NC
RBI
VCC
VSS
MRST
TS2
PRES
SRN
PFIN
SAFE
SMBD
NC
LED4
LED5
*VSS
SRP
8
9
10
11
12
23
22
21
20
19
13
14
15
18
17
16
SMBC
DISP
NC
LED3
LED2
LED1
NC-Nointernalconnection
bq20z90-V110
SLUS743 – NOVEMBER 2006
AVAILABLE OPTIONS
PACKAGE
TA
30-PIN TSSOP (DBT)
30-PIN TSSOP (DBT)
Tube
Tape & Reel
–40
°C to
bq20z90DBT(1)
bq20z90DBTR(2)
85
°C
(1)
A single tube quantity is 50 units.
(2)
A single reel quantity is 2000 units
TSSOP (DBT)
(TOP VIEW)
2
Submit Documentation Feedback


Similar Part No. - BQ20Z90DBTR-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI1-BQ20Z90DBTR-V150 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150G4 TI-BQ20Z90DBTR-V150G4 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z90DBTR-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com