Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24032A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24032A
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24032A Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24032A Datasheet HTML 7Page - Texas Instruments BQ24032A Datasheet HTML 8Page - Texas Instruments BQ24032A Datasheet HTML 9Page - Texas Instruments BQ24032A Datasheet HTML 10Page - Texas Instruments BQ24032A Datasheet HTML 11Page - Texas Instruments BQ24032A Datasheet HTML 12Page - Texas Instruments BQ24032A Datasheet HTML 13Page - Texas Instruments BQ24032A Datasheet HTML 14Page - Texas Instruments BQ24032A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
FUNCTIONAL DESCRIPTIONS
CHARGE CONTROL
Pre-Conditioning
Phase
Current Regulation Phase
Voltage Regulation and Charge Termination Phase
Regulation
Voltage
Regulation
Current
Minimum
Charge
Voltage
Pre−
Conditioning
and Term
Detect
Charge
Current
Charge
Complete
UDG−04087
Charge
Voltage
4
20
14
7
5
12
13
3
AC
USB
LDO
STAT2
TMR
ISET2
10
11
TS
PACK+
PACK −
System
VDC
GND
VBUS
GND
D+
D −
USBPort
AC Adapter
+
2
STAT1
18
19
8
PSEL
9
CE
1
OUT 15
OUT 16
OUT 17
BAT
6
BAT
DPPM
ISET1
VSS
TEMP
Battery P ack
10 µF
RTMR
1 µF
RSET
USBPG
ACPG
RDPPM
Controland
Status Signals
bq24030/31/32A/35
10 µF
10 µF
10 µF
bq24030, bq24031, bq24032A
bq24035, bq24038
SLUS618F – AUGUST 2004 – REVISED NOVEMBER 2006
The bqTINY III-series supports a precision Li-ion or Li-polymer charging system suitable for single-cell portable
devices. See a typical charge profile, application circuit, and an operational flow chart in Figure 1 through
Figure 4, respectively.
Figure 1. Charge Profile
Figure 2. Typical Application Circuit
11
Submit Documentation Feedback


Similar Part No. - BQ24032A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24032ARHLR TI-BQ24032ARHLR Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24032ARHLRG4 TI-BQ24032ARHLRG4 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24032ARHLT TI-BQ24032ARHLT Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results

Similar Description - BQ24032A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com