Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24750
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24750_07 Datasheet HTML 1Page - Texas Instruments BQ24750_07 Datasheet HTML 2Page - Texas Instruments BQ24750_07 Datasheet HTML 3Page - Texas Instruments BQ24750_07 Datasheet HTML 4Page - Texas Instruments BQ24750_07 Datasheet HTML 5Page - Texas Instruments BQ24750_07 Datasheet HTML 6Page - Texas Instruments BQ24750_07 Datasheet HTML 7Page - Texas Instruments BQ24750_07 Datasheet HTML 8Page - Texas Instruments BQ24750_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
VREF
RAC
(1) Pull-uprailcouldbeeitherVREForothersystemrail.
(2) SRSET/ACSET couldcomefromeitherDACorresistordividers.
Q2 (ACFET)
SI4435
Q3(BATFET)
SI4435
P
P
ACN
ACP
ACDRV
ACDET
ACGOOD
SRSET
ACSET
VREF
CELLS
CHGEN
VDAC
VADJ
GPIO
ADC
IADAPT
HOST
PVCC
BATDRV
HIDRV
PH
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER+
ADAPTER-
ACGOOD
AGND
bq24750
432kW
1%
1%
R1
R2
R5
10kW
C4
1 F
m
C5
100pF
Q4
FDS6680A
Q5
FDS6680A
L1
8.2 H
m
D1
BAT54
BAT
VREF
TS
PACK
THERMISTER
SENSE
1 %
R3
118kW
R4
DPMDET
R6
10kW
ACOP
Q1 (ACFET)
SI4435
C6
10 F
m
C3
0.010 W
C2
0.1 F
m
0.1 F
m
66.5kW
5.6kW
C7
10 F
m
C8
1 F
m
C9
0.1 F
m
C10
1 F
m
C15
0.1 F
m
C16
0.47 F
m
C14
0.1 F
m
C13
0.1 F
m
C11
10 F
m
R
0.010
SR
W
C12
10 F
m
C19
10 F
m
C1
10 F
m
C18
10 F
m
66.5kW
R10
R9
100kW
43kW
R8
R7
100kW
C17
10 F
m
PowerPad
R11100kW
PACKAGE THERMAL DATA
bq24750
SLUS735 – DECEMBER 2006
A.
VIN=20 V, VBAT = 3-cell Li-Ion, ICHARGE = 3 A, IADAPTER_LIMIT = 4 A, TBAT = 0-45°C
Figure 2. Typical System Schematic, Voltage and Current Programmed by Resistor
ORDERING INFORMATION
Part number
Package
Ordering Number
Quantity
(Tape and Reel)
bq24750RHDR
3000
bq24750
28-PIN 5 x 5 mm QFN
bq24750RHDT
250
PACKAGE
θ
JA
TA = 70°C POWER RATING
DERATING FACTOR ABOVE TA = 25°C
QFN – RHD(1)(2)
39
°C/W
2.36 W
0.028 W/
°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
3
Submit Documentation Feedback


Similar Part No. - BQ24750_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDR TI-BQ24750ARHDR Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDT TI-BQ24750ARHDT Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDR TI1-BQ24750RHDR Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com