Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24740RHDT Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24740RHDT
Description  Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24740RHDT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24740RHDT Datasheet HTML 3Page - Texas Instruments BQ24740RHDT Datasheet HTML 4Page - Texas Instruments BQ24740RHDT Datasheet HTML 5Page - Texas Instruments BQ24740RHDT Datasheet HTML 6Page - Texas Instruments BQ24740RHDT Datasheet HTML 7Page - Texas Instruments BQ24740RHDT Datasheet HTML 8Page - Texas Instruments BQ24740RHDT Datasheet HTML 9Page - Texas Instruments BQ24740RHDT Datasheet HTML 10Page - Texas Instruments BQ24740RHDT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
PACKAGE THERMAL DATA
ELECTRICAL CHARACTERISTICS
bq24740
SLUS736 – DECEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PH
–1
24
PVCC, ACP, ACN, SRP, SRN, BAT
0
24
REGN, LODRV
0
6.5
VREF
0
3.3
VDAC, IADAPT
0
3.6
Voltage range
V
ACSET, SRSET, ACDET, ISYNSET, LPMD, LPREF, CHGEN, CELLS,
0
5.5
EXTPWR, DPMDET
VADJ
0
6.5
BTST, HIDRV with respect to AGND and PGND
0
30
AGND, PGND
–0.3
0.3
Maximum difference voltage: ACP–ACN, SRP–SRN
5.5
Junction temperature range
–40
125
°C
Storage temperature range
–55
150
PACKAGE
θ
JA
TA = 70°C POWER RATING
DERATING FACTOR ABOVE TA = 25°C
QFN– RHD(1)
39
°C/W
2.36W
0.028 W/
°C
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
7.0 V
≤ V
PVCC≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
VPVCC_OP
PVCC Input voltage operating range
5.0
24.0
V
CHARGE VOLTAGE REGULATION
VBAT_REG_RNG
BAT voltage regulation range
4V-4.512V per cell, times 2,3,4 cell
8
18
V
VVDAC_OP
VDAC reference voltage range
2.6
3.6
V
VADJ_OP
VADJ voltage range
0
REGN
V
Charge voltage regulation accuracy
8 V, 8.4 V, 9.024 V
–0.5
0.5
12 V, 12.6 V, 13.536 V
–0.5
0.5
%
16 V, 16.8 V, 18.048 V
–0.5
0.5
Charge voltage regulation set to default to
VADJ connected to REGN, 8.4 V,
–0.5
0.5
%
4.2 V per cell
12.6 V, 16.8 V
CHARGE CURRENT REGULATION
VIREG_CHG
Charge current regulation differential
VIREG_CHG = VSRP– VSRN
0
100
mV
voltage range
VSRSET_OP
SRSET voltage range
0
VDAC
V
VIREG_CHG = 40–100 mV
–3
3
VIREG_CHG = 20 mV
–5
5
Charge current regulation accuracy
%
VIREG_CHG = 5 mV
–25
25
VIREG_CHG = 1.5 mV
–33
33
7
Submit Documentation Feedback


Similar Part No. - BQ24740RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740RHDT TI-BQ24740RHDT Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDT TI1-BQ24740RHDT Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24740RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com