Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4010YMA-150N Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ4010YMA-150N
Description  8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4010YMA-150N Datasheet(HTML) 3 Page - Texas Instruments

  BQ4010YMA-150N Datasheet HTML 1Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 2Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 3Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 4Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 5Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 6Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 7Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 8Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
bq4010/Y/LY
SLUS116A – MAY 1999 – REVISED APRIL 2007
When power is valid, the bq4010/Y/LY operates as a standard CMOS SRAM. During power-down and power-up
cycles, the bq4010/Y/LY acts as a nonvolatile memory, automatically protecting and preserving the memory
contents.
Power-down/power-up control circuitry constantly monitors the VCC supply for a power-fail-detect threshold VPFD.
The bq4010 monitors for VPFD = 4.62 V typical for use in 5-V systems with 5% supply tolerance. The bq4010Y
monitors for VPFD = 4.37 V typical for use in 5-V systems with 10% supply tolerance. The bq4010LY monitors for
VPFD = 2.90 V (typ) for use in 3.3-V systems.
When VCC falls below the VPFD threshold, the SRAM automatically write-protects the data. All outputs become
high impedance, and all inputs are treated as don't care. If a valid access is in process at the time of power-fail
detection, the memory cycle continues to completion. If the memory cycle fails to terminate within time tWPT,
write-protection takes place.
As VCC falls past VPFD and approaches VSO, the control circuitry switches to the internal lithium backup supply,
which provides data retention until valid VCC is applied.
When VCC returns to a level above the internal backup cell voltage, the supply is switched back to VCC. After VCC
ramps above the VPFD threshold, write-protection continues for a time tCER (120 ms maximum in 5-V system,
85 ms maximum in 3.3-V system) to allow for processor stabilization. Normal memory operation may resume
after this time.
The internal coin cells used by the bq4010/Y/LY have an extremely long shelf life and provide data retention for
more than 10 years in the absence of system power.
As shipped from TI, the integral lithium cells of the MT-type module are electrically isolated from the memory.
(Self-discharge in this condition is approximately 0.5% per year.) Following the first application of VCC, this
isolation is broken, and the lithium backup provides data retention on subsequent power-downs. The LIFETIME
LITHIUM package option is shipped as two devices, which must be ordered separately.
3
Submit Documentation Feedback


Similar Part No. - BQ4010YMA-150N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010YMA-150N TI-BQ4010YMA-150N Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-150N TI1-BQ4010YMA-150N Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010YMA-150N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com