Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29412DCTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29412DCTR
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29412DCTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ29412DCTR Datasheet HTML 2Page - Texas Instruments BQ29412DCTR Datasheet HTML 3Page - Texas Instruments BQ29412DCTR Datasheet HTML 4Page - Texas Instruments BQ29412DCTR Datasheet HTML 5Page - Texas Instruments BQ29412DCTR Datasheet HTML 6Page - Texas Instruments BQ29412DCTR Datasheet HTML 7Page - Texas Instruments BQ29412DCTR Datasheet HTML 8Page - Texas Instruments BQ29412DCTR Datasheet HTML 9Page - Texas Instruments BQ29412DCTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
V(PROTECT)
Cell Voltage
(VCn - VC(n-1),
VC4 - GND)
CD
OUT
1.2 V
tDELAY
V(PROTECT) - Vhys
td = (1.2 V x CDELAY)/ICD
APPLICATION INFORMATION
BATTERY CONNECTIONS
2
2
4
2
2
3
2
2
2
1
1
1
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
8
8
7
1
2
6
5
8
1
2
6
5
8
1
2
6
5
8
3
4
8
8
7
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
bq29410, bq29411, bq29412, bq29413
bq29414, bq29415, bq29419
SLUS669E – AUGUST 2005 – REVISED MAY 2007
Figure 2. Timing for Overvoltage Sensing
The following diagrams show the DCT package device in different cell configurations.
Figure 3. 4-Series Cell Configuration
Figure 4. 3-Series Cell Configuration
(Connect together VC1 and VC2)
6
Submit Documentation Feedback


Similar Part No. - BQ29412DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29412DCTR TI-BQ29412DCTR Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTR TI1-BQ29412DCTR Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29412DCTRG4 TI-BQ29412DCTRG4 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTRG4 TI1-BQ29412DCTRG4 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29412DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com