Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSAV331 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAV331
Description  Dual Channel 4:1 Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAV331 Datasheet HTML 1Page - Fairchild Semiconductor FSAV331 Datasheet HTML 2Page - Fairchild Semiconductor FSAV331 Datasheet HTML 3Page - Fairchild Semiconductor FSAV331 Datasheet HTML 4Page - Fairchild Semiconductor FSAV331 Datasheet HTML 5Page - Fairchild Semiconductor FSAV331 Datasheet HTML 6Page - Fairchild Semiconductor FSAV331 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500802
www.fairchildsemi.com
April 2004
Revised August 2005
FSAV331
Dual Channel 4:1 Video Switch
General Description
The Fairchild video switch FSAV331 is a dual 4:1 high speed
video switch which can be configured as either multiplexer or
demultiplexer. Low On Resistance allows inputs to be con-
nected to outputs without adding propagation delay or generat-
ing additional ground bounce noise.
When the OE Pin is LOW, S0 and S1 connect the A Port to the
selected B Port output. When the OE Pin is HIGH, the switch is
OPEN and a HIGH-Impedance state exists between the two
ports.
Features
O Wide bandwidth: 300 MHz
O 73 dB non adjacent channel crosstalk at 10MHz
O 56 dB Off Isolation at 10MHz
O 3: typical On Resistance (RON)
O Low power consumption (3uA maximum)
O Control input: TTL compatible
Applications
O Y/C video or CVBS video switch in LCD, plasma,
and projector displays
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number Package Number
Package Description
FSAV331QSC
MQA16A
16-Lead Quarter Size Small Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSAV331MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
S0, S1
Select Inputs
ABus A
B1, B2, B3, B4
Bus B
S1
S0 OE1 OE2
Function
X
X
H
X
Disconnect 1A
X
X
X
H
Disconnect 2A
LLLL
A = B1
LH
L
L
A = B2
H
LLL
A = B3
HH
L
L
A = B4


Similar Part No. - FSAV331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331 Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
ON Semiconductor
FSAV331 ONSEMI-FSAV331 Datasheet
644Kb / 9P
   Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
logo
ON Semiconductor
FSAV331MTCX ONSEMI-FSAV331MTCX Datasheet
644Kb / 9P
   Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
More results

Similar Description - FSAV331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_10 Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
logo
ON Semiconductor
FSAV331 ONSEMI-FSAV331 Datasheet
644Kb / 9P
   Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com