Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSAV430 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSAV430
Description  Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSAV430 Datasheet HTML 1Page - Fairchild Semiconductor FSAV430 Datasheet HTML 2Page - Fairchild Semiconductor FSAV430 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Typical values are at VCC = 3.3V and TA = 25qC
Capacitance
Note 9: Typical values are at VCC = 3.3V and TA = 25qC
FIGURE 1. Gain vs. Frequency
Symbol
Parameter
VCC
(V)
TA = 40qC to 85qC
Units
Conditions
Figure
Number
Min
Typ
(Note )
Max
tON
Turn ON Time S-to-Bus A
3.0 to 3.6
4.8
7.0
ns
Bn = 2.0V
Figures
8, 9
Output Enable Time OE-to-A
3.0 to 3.6
4.5
6.8
tOFF
Turn OFF Time S-to-Bus A
3.0 to 3.6
2.2
4.0
ns
Bn = 2.0V
Figures
8, 9
Output Disable Time OE-to-A
3.0 to 3.6
2.2
4.0
DG
Differential Gain
3.0 to 3.6
0.2
%
RL = 75:, f= 3.58MHz
Figures
2, 3
DP
Differential Phase
3.0 to 3.6
0.1
Degree
RL = 75:, f= 3.58MHz
Figures
2, 3
OIRR
Non-Adjacent OFF-Isolation
3.0 to 3.6
40.0
dB
f = 30MHz, RL = 75:
Figures
4, 10
XTALK
Non-Adjacent Channel Crosstalk
3.0 to 3.6
60.0
dB
RL = 75:, f= 30MHz
Figures
5, 11
BW
3dB Bandwidth
3.0 to 3.6
1.1
GHz
RL = 50: (DQFN)
Figures
1, 12
3.0 to 3.6
800
MHz
RL = 50: (QSOP and TSSOP)
3.0 to 3.6
650
RL = 75: (DQFN)
3.0 to 3.6
600
RL = 75: (QSOP and TSSOP)
Symbol
Parameter
TA = 40qC to 85qC
Units
Conditions
Typ (Note )
CIN
Control Pin Input Capacitance
2.5
pF
VCC = 0V
CON
A/B ON Capacitance
12.0
pF
VCC = 3.3V, OE = 0V
COFF
Port B OFF Capacitance
4.0
pF
VCC and OE = 3.3V


Similar Part No. - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results

Similar Description - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com