Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5521 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5521
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5521 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS5521 Datasheet HTML 1Page - Burr-Brown (TI) ADS5521 Datasheet HTML 2Page - Burr-Brown (TI) ADS5521 Datasheet HTML 3Page - Burr-Brown (TI) ADS5521 Datasheet HTML 4Page - Burr-Brown (TI) ADS5521 Datasheet HTML 5Page - Burr-Brown (TI) ADS5521 Datasheet HTML 6Page - Burr-Brown (TI) ADS5521 Datasheet HTML 7Page - Burr-Brown (TI) ADS5521 Datasheet HTML 8Page - Burr-Brown (TI) ADS5521 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS5510
SLAS499 – JANUARY 2007
Valid over full recommended operating temperature range, AV
DD = DRVDD = 3.3 V, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
VIH
High-level input voltage
2.4
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
10
µA
IIL
Low-level input current
-10
µA
Input current for RESET
–20
µA
Input capacitance
4
pF
Digital Outputs
VOL
Low-level output voltage
CLOAD = 10 pF
0.3
0.4
V
VOH
High-level output voltage
CLOAD = 10 pF
2.4
3
V
Output capacitance
3
pF
5
Submit Documentation Feedback


Similar Part No. - ADS5521

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5521 BURR-BROWN-ADS5521 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5521 BURR-BROWN-ADS5521 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5521 BURR-BROWN-ADS5521 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5521

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com