Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8328
Description  LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8328 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS8328 Datasheet HTML 6Page - Burr-Brown (TI) ADS8328 Datasheet HTML 7Page - Burr-Brown (TI) ADS8328 Datasheet HTML 8Page - Burr-Brown (TI) ADS8328 Datasheet HTML 9Page - Burr-Brown (TI) ADS8328 Datasheet HTML 10Page - Burr-Brown (TI) ADS8328 Datasheet HTML 11Page - Burr-Brown (TI) ADS8328 Datasheet HTML 12Page - Burr-Brown (TI) ADS8328 Datasheet HTML 13Page - Burr-Brown (TI) ADS8328 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
www.ti.com
ADS8329
ADS8330
SLAS516 – DECEMBER 2006
ADS8329 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
QFN
AGND
15
Analog ground
BDGND
8
Interface ground
CONVST
3
I
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed duration
EOC/ INT/ CDI
4
O
after the end of conversion and a valid data is to be output. The polarity of EOC or INT is
programmable. This pin can also be used as a chain data input when the device is operated
in chain mode.
5
I
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface slave
FS/CS
select (SS-).
+IN
13
I
Non inverting input
-IN
14
I
Inverting input, usually connected to ground
NC
2
No connection.
REF+
1
I
External reference input.
REF-
16
I
Connect to AGND through individual via.
RESERVED
12
I
Connect to AGND or +VA
SCLK
9
I
Clock for serial interface
SDI
6
I
Serial data in
SDO
7
O
Serial data out
+VA
11
Analog supply, +2.7 V to +5.5 VDC.
+VBD
10
Interface supply
ADS8330 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
QFN
AGND
15
Analog ground
BDGND
8
Interface ground
COM
14
I
Common inverting input, usually connected to ground
CONVST
3
I
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed duration
EOC/ INT/ CDI
4
O
after the end of conversion and a valid data is to be output. The polarity of EOC or INT is
programmable. This pin can also be used as a chain data input when the device is operated
in chain mode.
FS/CS
5
I
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface
+IN1
12
I
Second noninverting input.
+IN0
13
I
First noninverting input
NC
2
No connection.
REF+
1
I
External reference input.
REF-
16
I
Connect to AGND through individual via.
SCLK
9
I
Clock for serial interface
SDI
6
I
Serial data in (conversion start and reset possible)
SDO
7
O
Serial data out
+VA
11
Analog supply, +2.7 V to +5.5 VDC.
+VBD
10
Interface supply
10
Submit Documentation Feedback


Similar Part No. - ADS8328

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8328 BURR-BROWN-ADS8328 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8328 TI-ADS8328 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328 TI1-ADS8328 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328 TI1-ADS8328 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8328I BURR-BROWN-ADS8328I Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com