Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB560A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSB560A
Description  NPN Low Saturation Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB560A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSB560A Datasheet HTML 1Page - Fairchild Semiconductor FSB560A Datasheet HTML 2Page - Fairchild Semiconductor FSB560A Datasheet HTML 3Page - Fairchild Semiconductor FSB560A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
Current Gain vs. Collector Current
0
0.5
1
1.5
2
2.5
3
3.5
0
100
200
300
400
500
600
700
I - COLLECTOR CURRENT (A)
C
25°C
125°C
- 40°C
V
= 2.0V
ce
Collector-Emitter Saturation
Voltage vs Collector Current
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
I - COLLECTOR CURRENT (A)
C
- 40°C
25°C
125°C
β = 10
Base-Emitter Saturation
Voltage vs Collector Current
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
β = 10
Base-Emitter On Voltage vs.
Collector Current
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
V
= 2.0V
ce
Input/Output Capacitance vs.
Reverse Bias Voltage
0.1
0.2
0.5
1
2
5
10
20
50
100
0
50
100
150
200
250
300
350
400
450
V
- COLLECTOR VOLTAGE (V)
CE
f = 1.0 MHz
Cibo
Cobo
FSB560/FSB560A, Rev B1


Similar Part No. - FSB560A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB560A FAIRCHILD-FSB560A Datasheet
208Kb / 7P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB560A ONSEMI-FSB560A Datasheet
506Kb / 5P
   PN Low-Saturation Transistor
December-2017, Rev. 2
More results

Similar Description - FSB560A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
FPN560 FAIRCHILD-FPN560 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB649 FAIRCHILD-FSB649 Datasheet
30Kb / 3P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB619 ONSEMI-FSB619 Datasheet
251Kb / 7P
   NPN Low-Saturation Transistor
September 2015 Rev. 2.2
FMMT449 ONSEMI-FMMT449 Datasheet
124Kb / 5P
   NPN Low Saturation Transistor
Rev. A
logo
Fairchild Semiconductor
FPN330A FAIRCHILD-FPN330A Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN330 FAIRCHILD-FPN330 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN530 FAIRCHILD-FPN530 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com