Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2832 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2832
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2832 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2832 Datasheet HTML 4Page - Burr-Brown (TI) OPA2832 Datasheet HTML 5Page - Burr-Brown (TI) OPA2832 Datasheet HTML 6Page - Burr-Brown (TI) OPA2832 Datasheet HTML 7Page - Burr-Brown (TI) OPA2832 Datasheet HTML 8Page - Burr-Brown (TI) OPA2832 Datasheet HTML 9Page - Burr-Brown (TI) OPA2832 Datasheet HTML 10Page - Burr-Brown (TI) OPA2832 Datasheet HTML 11Page - Burr-Brown (TI) OPA2832 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
OPA3832
SBOS370 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS: V
S = +3.3V (continued)
Boldface limits are tested at +25°C.
At T
A = +25°C, G = +2V/V, and RL = 150Ω to VCM = 0.75V, unless otherwise noted.
OPA3832ID, IPW
0°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
UNITS
MAX
LEVEL(3)
DISABLE (Disabled LOW)
Power Down Supply Current (+VS)
VDIS = 0, All Channels
0.4
0.8
0.85
mA
max
A
DIsable Time
VIN = 1VDC
40
µs
typ
C
Enable Time
VIN = 1VDC
20
ns
typ
C
Off Isolation
G = +2V/V, 5MHz
-75
dB
typ
C
Output Capacitance in Disable
pF
typ
C
Turn-On Glitch
G = +2V/V, RL = 150Ω, VIN = 0V
2
mV
typ
C
Turn-Off Glitch
G = +2V/V, RL = 150Ω, VIN = 0V
6
mV
typ
C
Enable Voltage
2.8
2.8
V
min
A
Disable Voltage
1.3
1.3
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0V, Each Channel
73
130
140
µA
max
A
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
typ
C
Maximum Operating Voltage
+11
+11
V
max
A
Maximum Quiescent Current
All Channels, VS = +3.3V
11.4
12.2
14.5
mA
max
A
Minimum Quiescent Current
All Channels, VS = +3.3V
11.4
10.2
9.5
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
60
dB
typ
C
THERMAL CHARACTERISTICS
Specification: ID, IPW
–40 to +85
°C
typ
C
Thermal Resistance
D
SO-14
85
°C/W
typ
C
PW
TSSOP-14
100
°C/W
typ
C
8
Submit Documentation Feedback


Similar Part No. - OPA2832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2832 BURR-BROWN-OPA2832 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA2832 TI-OPA2832 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
National Semiconductor ...
OPA2832ID NSC-OPA2832ID Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results

Similar Description - OPA2832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com