Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1850APJTRG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1850APJTRG4
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1850APJTRG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM1850APJTRG4 Datasheet HTML 1Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 2Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 3Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 4Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 5Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 6Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 7Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 8Page - Burr-Brown (TI) PCM1850APJTRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1850A
PCM1851A
SLES173 – MARCH 2006
24-BIT, 96-kHz STEREO A/D CONVERTER
WITH 6
× 2-CHANNEL MUX AND PGAE
PCM Audio Interface
Multiplexer and Programmable-Gain Amplifier
– Master/Slave Mode Selectable
(PGA)
– Data Formats: 24-Bit Left-Justified, 24-Bit
– 6
×2-Channel Single-Ended Inputs
I2S, 16-, 24-Bit Right-Justified
– Multiplexed Output
Mode Control by Serial Interface:
– Maximum Input Level: 2.4 V rms
– With SPI Control (PCM1850A)
– Input Resistance: 50 k
Ω, Minimum
– With I2C Control (PCM1851A)
– PGA Gain: 11-dB to –11-dB Range, 0.5
Sampling Rate: 16–96 kHz
dB/Step
System Clock: 256 fs, 384 fs, 512 fs, 768 fs
24-Bit Delta-Sigma Stereo A/D Converter
Dual Power Supplies: 5 V for Analog, 3.3 V for
Antialiasing Filter Included
Digital
Oversampling Decimation Filter
Package: 32-Pin TQFP
– Oversampling Frequency:
×64
– Pass-Band Ripple:
±0.05 dB
DVD/HDD/DVD+HDD Recorder
– Stop-Band Attenuation: –65 dB
AV Amplifier Receiver
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
CD Recorder
High Performance
MD Recorder
– THD+N: 0.0023% (Typically)
Multitrack Recorder
– SNR: 101 dB (Typically)
Electric Musical Instrument
– Dynamic Range: 102 dB (Typically)
The PCM1850A/1851A is a high-performance, low-cost, single-chip stereo analog-to-digital converter with a
single-ended analog front end that consists of a 6-stereo-input multiplexer and wide-range PGA. The
PCM1850A/1851A includes a delta-sigma modulator with 64-times oversampling, a digital decimation filter and a
low-cut filter that removes the dc component of the input signal. For various applications, the PCM1850A/1851A
supports two modes (master and slave) and four data formats through a serial control interface, SPI for the
PCM1850A and I2C for the PCM1851A. The PCM1850A/1851A is suitable for a wide variety of cost-sensitive
DVD/CD/MD recorder and receiver applications where good performance and operation from a 5-V analog
supply and 3.3-V digital supply is required. The PCM1850A/1851A is fabricated using a highly advanced CMOS
process and is available in a small 32-pin TQFP package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1850APJTRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850 BURR-BROWN-PCM1850 Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1850 TI1-PCM1850 Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
logo
Burr-Brown (TI)
PCM1850PJT BURR-BROWN-PCM1850PJT Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1850PJT TI1-PCM1850PJT Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
PCM1850PJTG4 TI1-PCM1850PJTG4 Datasheet
560Kb / 33P
[Old version datasheet]   6  2-CHANNEL MUX AND PGA
More results

Similar Description - PCM1850APJTRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1851 BURR-BROWN-PCM1851 Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com