Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3793ARHBT Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3793ARHBT
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793ARHBT Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM3793ARHBT Datasheet HTML 1Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 2Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 3Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 4Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 5Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 6Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 7Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 8Page - Burr-Brown (TI) PCM3793ARHBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
www.ti.com
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PCM3793ARHB, PCM3794ARHB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Digital Input to Headphone Output Through DAC (HPOL and HPOR)
RL = 16 Ω or 32 Ω, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = disabled, not capless mode
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
30 mW, RL = 32 Ω, volume = 0 dB
0.1%
THD+N
Total harmonic distortion + noise
40 mW, RL = 16 Ω, volume = –1 dB
0.03%
Load resistance
16
200 Hz, 140 mVp-p
–40
PSRR
Power-supply rejection ratio
1 kHz, 140 mVp-p
–45
dB
20 kHz, 140 mVp-p
–32
Line Input to Headphone Output Through Mixing Path (HPOL and HPOR)
RL = 16 Ω or 32 Ω, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = enabled, not capless mode
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
Load resistance
16
Digital Input to Speaker Output Through DAC (SPOLP, SPOLN, SPORP, and SPORN): PCM3793A
RL = 8 Ω, ALC = OFF, volume = 0 dB, headphone = powered down, analog mixing = disabled
DYNAMIC PERFORMANCE
2.52
Vp-p
Full-scale output voltage
0 dB
0.9
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
THD+N
Total harmonic distortion + noise
400 mW, RL = 8Ω, volume = 0 dB
0.3%
Load resistance
8
200 Hz, 140 mVp-p
–50
PSRR
Power-supply rejection ratio
1 kHz, 140 mVp-p
–45
dB
20 kHz, 140 mVp-p
–25
Line Input to Speaker Output Through Mixing Path (SPOLP, SPOLN, SPORP, and SPORN): PCM3793A
RL = 8Ω, ALC = OFF, volume = 0 dB, headphone = powered down, analog mixing = enabled
DYNAMIC PERFORMANCE
2.52
Vp-p
Full-scale output voltage
0 dB
0.9
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-Weighted
84
93
dB
4
Submit Documentation Feedback


Similar Part No. - PCM3793ARHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793ARHBT TI1-PCM3793ARHBT Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793ARHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com