Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3690 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA3690
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3690 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA3690 Datasheet HTML 1Page - Burr-Brown (TI) OPA3690 Datasheet HTML 2Page - Burr-Brown (TI) OPA3690 Datasheet HTML 3Page - Burr-Brown (TI) OPA3690 Datasheet HTML 4Page - Burr-Brown (TI) OPA3690 Datasheet HTML 5Page - Burr-Brown (TI) OPA3690 Datasheet HTML 6Page - Burr-Brown (TI) OPA3690 Datasheet HTML 7Page - Burr-Brown (TI) OPA3690 Datasheet HTML 8Page - Burr-Brown (TI) OPA3690 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +5V
OPA3832
SBOS370 – DECEMBER 2006
Boldface limits are tested at +25°C.
At T
A = +25°C, G = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted.
OPA3832ID, IPW
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
+85°C(2)
UNITS
MAX
LEVEL(3)
AC PERFORMANCE
Small-Signal Bandwidth
G = +1, VO ≤ 0.5VPP
210
MHz
typ
C
G = +2, VO ≤ 0.5VPP
80
56
55
55
MHz
min
B
G = –1, VO ≤ 0.5VPP
105
60
58
58
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5VPP
7
dB
typ
C
Slew Rate
G = +2, 2V Step
350
230
220
220
V/µs
min
B
Rise Time
0.5V Step
5.2
5.8
5.8
5.9
ns
max
B
Fall Time
0.5V Step
5.2
5.8
5.8
5.9
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
46
64
66
67
ns
max
B
Harmonic Distortion
VO = 2VPP, 5MHz
2nd-Harmonic
RL = 150Ω
–54
–51
–50
–49
dBc
max
B
RL = 500Ω
–60
–57
–55
–54
dBc
max
B
3rd-Harmonic
RL = 150Ω
–57
–50
–49
–47
dBc
max
B
RL = 500Ω
–79
–65
–62
–58
dBc
max
B
Input Voltage Noise
f > 1MHz
9.3
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
2.3
pA/
√Hz
typ
C
NTSC Differential Gain
RL = 150Ω
0.11
%
typ
C
NTSC Differential Phase
RL = 150Ω
0.14
°
typ
C
DC PERFORMANCE(4)
Gain Error
G = +2
±0.3
±1.5
±1.6
±1.7
%
min
A
G = –1
±0.2
±1.5
±1.6
±1.7
%
max
B
Internal RF and RG, Maximum
400
455
460
462
max
A
Minimum
400
345
340
338
max
A
Average Drift
±0.1
±0.1
%/°C
max
B
Input Offset Voltage
±1.5
±6.5
±7.5
±8.0
mV
max
A
Average Offset Voltage Drift
±25
±25
µV/°C
max
B
Input Bias Current
VCM = 2.0V
+5.5
+10
+12
+13
µA
max
A
Input Bias Current Drift
±45
±45
nA/°C
max
B
Input Offset Current
VCM = 2.0V
±0.1
±1.5
±2
±2.5
µA
max
A
Input Offset Current Drift
±10
±10
nA/°C
max
B
INPUT
Least Positive Input Voltage
–0.5
–0.2
0
+0.1
V
max
B
Most Positive Input Voltage
3.3
3.2
3.1
3.0
V
min
B
Input Impedance, Differential Mode
10 | | 2.1
k
Ω | | pF
typ
C
Common-Mode
400 | | 1.2
k
Ω | | pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 2.0V
0.03
0.16
0.18
0.20
V
max
A
RL = 150Ω to 2.0V
0.18
0.3
0.35
0.40
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 2.0V
4.94
4.8
4.6
4.4
V
min
A
RL = 150Ω to 2.0V
4.86
4.6
4.5
4.4
V
min
A
Current Output, Sinking and Sourcing
±75
±58
±53
±50
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
100
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.2
typ
C
(1)
Junction temperature = ambient for +25°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +6°C at high temperature limit for over
temperature specifications.
(3)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4)
Current is considered positive out of node.
5
Submit Documentation Feedback


Similar Part No. - OPA3690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690 TI-OPA3690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3690 TI1-OPA3690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3690 TI-OPA3690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3690 TI1-OPA3690 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA3690 TI-OPA3690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3690

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com