Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIR9001PW Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DIR9001PW
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR9001PW Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DIR9001PW Datasheet HTML 4Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 5Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 6Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 7Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 8Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 9Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 10Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 11Page - Burr-Brown (TI) DIR9001PW Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
DEVICE INFORMATION
ACCEPTABLE BIPHASE INPUT SIGNAL AND BIPHASE INPUT PIN (RXIN)
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 can decode the biphase signal format which is specified in one of the following standards.
Generally, these following standards may be called Sony/Philips digital interface format (S/PDIF) or AES/EBU.
• IEC60958 (revised edition of former IEC958)
• JEITA CPR-1205 (revised edition of former EIAJ CP-1201, CP-340)
• AES3
• EBU tech3250
The sampling frequency range and data word length which DIR9001 can decode is as follows:
• Sampling frequency range is 28 kHz to 108 kHz.
• Maximum audio sample word length is 24-bit.
Note of others about the biphase input signal.
• The capture ratio of the built-in PLL complies with level III of sampling frequency accuracy (±12.5%), which is
specified in IEC60958-3.
• The jitter tolerance of the DIR9001 complies with IEC60958-3.
• The PLL may also lock in outside of the specified sampling-frequency range, but extended range is not
assured.
Notice about the signal level and transmission line of the biphase input signal.
• The signal level and the transmission line (optical, differential, single-ended) are different in each standard.
• The biphase input signal is connected to the RXIN pin of the DIR9001.
• The RXIN pin has a 5-V tolerant TTL-level input.
• An optical receiver module (optical to electric converter) such as TOSLINK, which is generally used in
consumer applications, is connected directly to the RXIN pin without added external components.
• The output waveform of the optical receiver module varies depending on the characteristics of each product
type, so a dumping resistor or buffer amplifier might be required between the optical receiver module output
and the DIR9001 input. Careful handling is required if the optical receiver module and the DIR9001 are
separated by a long distance.
• The DIR9001 needs an external amplifier if it is connected to a coaxial transmission line.
• The DIR9001 needs an external differential to single-ended converter, attenuator, etc., for general consumer
applications if non-optical transmission line is used.
8
Submit Documentation Feedback


Similar Part No. - DIR9001PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR9001PW TI-DIR9001PW Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001PW TI1-DIR9001PW Datasheet
995Kb / 38P
[Old version datasheet]   Digital Audio Interface Receiver
DIR9001PWG4 TI-DIR9001PWG4 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001PWG4 TI1-DIR9001PWG4 Datasheet
995Kb / 38P
[Old version datasheet]   Digital Audio Interface Receiver
DIR9001PWR TI-DIR9001PWR Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR9001PW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
   96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com