Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3832IDG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3832IDG4
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3832IDG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA3832IDG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA3832IDG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
LoadResistance(W)
100
1k
-
50
-
55
-
60
-
65
-
70
-
75
-
80
-
85
-
90
G=+2V/V
V
O =2VPP
f=5MHz
3rd-Harmonic
2nd-Harmonic
-
50
-
55
-
60
-
65
-
70
-
75
-
80
-
85
-
90
-
95
OutputSwing(V )
PP
0.5
9.0
G=+2V/V
R
L =500W
f=5MHz
2nd-Harmonic
3rd-Harmonic
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
-
40
-
50
-
60
-
70
-
80
-
90
-
100
-
110
Frequency(MHz)
0.1
1
10
20
3rd-Harmonic
2nd-Harmonic
G=+2V/V
R
L =500W
V =2V
O
PP
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
Single-ToneLoadPower(dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10MHz
5MHz
20MHz
400W
1/3
OPA3832
PI
PO
50W
500W
400W
6
5
4
3
2
1
0
-
1
-
2
-
3
-
4
-
5
-
6
I (mA)
O
-
160
-
120
-
80
-
40
0
40
80
120
160
Output
CurrentLimit
Output
CurrentLimit
R =500
L
W
R =100
L
W
R =50
L
W
1WInternal
PowerLimit
OneChannelOnly
1WInternal
PowerLimit
OneChannelOnly
5
4
3
2
1
0
-
1
-
2
-
3
-
4
-
5
R
L (W)
10
100
1k
G=+2V/V
V
S =±5V
PositiveOutputVoltage
NegativeOutputVoltage
OPA3832
SBOS370 – DECEMBER 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2V/V, and RL = 150Ω to GND, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
2-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 9.
Figure 10.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
OUTPUT SWING vs LOAD RESISTANCE
Figure 11.
Figure 12.
10
Submit Documentation Feedback


Similar Part No. - OPA3832IDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA3832 TI-OPA3832 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA3832IDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com