Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA204A Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA204A
Description  Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA204A Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA204A Datasheet HTML 7Page - Burr-Brown (TI) INA204A Datasheet HTML 8Page - Burr-Brown (TI) INA204A Datasheet HTML 9Page - Burr-Brown (TI) INA204A Datasheet HTML 10Page - Burr-Brown (TI) INA204A Datasheet HTML 11Page - Burr-Brown (TI) INA204A Datasheet HTML 12Page - Burr-Brown (TI) INA204A Datasheet HTML 13Page - Burr-Brown (TI) INA204A Datasheet HTML 14Page - Burr-Brown (TI) INA204A Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
POWER SUPPLY
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
(1)
ACCURACY VARIATIONS AS A RESULT OF
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
(2)
INA203
x20
R
SHUNT
3mW
LoadSupply
-
18Vto+80V
Load
5VSupply
OptionalDelay
Capacitor
0.2 F
m
C
BYPASS
0.01 F
m
V
S
OUT
CMP1IN /0.6REF
-
CMP1IN+
CMP2IN+
CMP2IN /0.6REF
-
GND
V
IN+
V
IN-
1.2VREFOUT
CMP1OUT
CMP2OUT
CMP2DELAY
CMP1 RESET
CurrentShunt
MonitorOutput
1.2VREF
R
PULL-UP
4.7kW
R
PULL-UP
4.7kW
Transparent/Reset
Latch
INA203
INA204
INA205
SBOS393 – MARCH 2007
This section addresses the accuracy of these
specific operating regions:
• Normal Case 1: V
SENSE ≥ 20mV, VCM ≥ VS
Figure 30 shows the basic connections of the
• Normal Case 2: V
SENSE ≥ 20mV, VCM < VS
INA203, INA204, and INA205. The input pins, VIN+
and VIN–, should be connected as closely as possible
• Low V
SENSE Case 1: VSENSE < 20mV, –16V ≤ VCM
to the shunt resistor to minimize any resistance in
< 0
series with the shunt resistance.
• Low V
SENSE Case 2: VSENSE < 20mV, 0V ≤ VCM
VS
Power-supply bypass capacitors are required for
• Low V
SENSE Case 3: VSENSE < 20mV, VS < VCM
stability. Applications with noisy or high-impedance
80V
power supplies may require additional decoupling
capacitors to reject power-supply noise. Connect
bypass capacitors close to the device pins.
This
region
of
operation
provides
the
highest
accuracy.
Here,
the
input
offset
voltage
is
characterized
and
measured
using
a
two-step
The input circuitry of the INA203, INA204, and
method. First, the gain is determined by Equation 1.
INA205
can
accurately
measure
beyond
the
power-supply voltage, V+. For example, the V+
power
supply
can
be
5V,
whereas
the
load
power-supply voltage is up to +80V. The output
where:
voltage range of the OUT terminal, however, is
limited by the voltages on the power-supply pin.
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
V
SENSE AND COMMON-MODE VOLTAGE
Then the offset voltage is measured at VSENSE =
100mV and referred to the input (RTI) of the current
The accuracy of the INA203, INA204, and INA205
shunt monitor, as shown in Equation 2.
current shunt monitors is a function of two main
variables: VSENSE (VIN+ – VIN–) and common-mode
voltage, VCM, relative to the supply voltage, VS. VCM
is expressed as (VIN+ + VIN–)/2; however, in practice,
VCM is seen as the voltage at VIN+ because the
voltage drop across VSENSE is usually small.
Figure 30. INA20x Basic Connection
11
Submit Documentation Feedback


Similar Part No. - INA204A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA204AID TI1-INA204AID Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA204AIDGSR TI1-INA204AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA204AIDGSRG4 TI1-INA204AIDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA204AIDGST TI1-INA204AIDGST Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA204AIDGSTG4 TI1-INA204AIDGSTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA204A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com