Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA271 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA271
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA271 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button INA271 Datasheet HTML 4Page - Burr-Brown (TI) INA271 Datasheet HTML 5Page - Burr-Brown (TI) INA271 Datasheet HTML 6Page - Burr-Brown (TI) INA271 Datasheet HTML 7Page - Burr-Brown (TI) INA271 Datasheet HTML 8Page - Burr-Brown (TI) INA271 Datasheet HTML 9Page - Burr-Brown (TI) INA271 Datasheet HTML 10Page - Burr-Brown (TI) INA271 Datasheet HTML 11Page - Burr-Brown (TI) INA271 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
APPLICATIONS INFORMATION
BASIC CONNECTION
POWER SUPPLY
SELECTING R
S
A1
A2
Single-PoleFilter
Capacitor
+2.7Vto+18V
5kW
5kW
96kW
RL
PREOUT
BUFIN
GND
OUT
IN-
IN+
V+
Load
-
16Vto+80V
Supply
R
S
INA270
0.01 F
m
0.1 F
m
INA270
INA271
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
Figure 15 shows the basic connection of the INA270
The input circuitry of the INA270 and INA271 can
and INA271. The input pins, IN+ and IN–, should be
accurately measure beyond its power-supply voltage,
connected as closely as possible to the shunt
V+. For example, the V+ power supply can be 5V,
resistor to minimize any resistance in series with the
whereas the load power-supply voltage is up to
shunt resistance.
+80V. The output voltage range of the OUT terminal,
however,
is
limited
by
the
voltages
on
the
Power-supply bypass capacitors are required for
power-supply pin.
stability. Applications with noisy or high-impedance
power supplies may require additional decoupling
capacitors to reject power-supply noise. Minimum
bypass capacitors of 0.01
µF and 0.1µF in value
The value chosen for the shunt resistor, RS, depends
should be placed close to the supply pins. Although
on the application and is a compromise between
not
mandatory,
an
additional
10mF
electrolytic
small-signal accuracy and maximum permissible
capacitor placed in parallel with the other bypass
voltage loss in the measurement line. High values of
capacitors
may
be
useful
in
applications
with
RS provide better accuracy at lower currents by
particularly noisy supplies.
minimizing the effects of offset, while low values of
RS minimize voltage loss in the supply line. For most
applications, best performance is attained with an RS
value that provides a full-scale shunt voltage range
of 50mV to 100mV. Maximum input voltage for
accurate measurements is (VS – 0.2)/Gain.
Figure 15. INA270 Basic Connections
8
Submit Documentation Feedback


Similar Part No. - INA271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA271 BURR-BROWN-INA271 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA271 TI-INA271 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
INA271A-Q1 TI1-INA271A-Q1 Datasheet
433Kb / 23P
[Old version datasheet]   Voltage Output Current Sense Amplifier With Simplified Filter Inputs
logo
Burr-Brown (TI)
INA271AID BURR-BROWN-INA271AID Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com